Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD3461FS Datasheet(PDF) 5 Page - Rohm |
|
BD3461FS Datasheet(HTML) 5 Page - Rohm |
5 / 32 page BD3461FS 5/28 TSZ02201-0C2C0E100360-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 16.Dec.2015 Rev.001 www.rohm.com TSZ22111・15・001 Electrical Characteristics – continued (Unless specified, Ta=25°C, VCC=8.5V, f=1kHz, VIN =1Vrms, Rg=600Ω, RL=10kΩ, INF1 input, Volume 0dB) Parameter Symbol Limit Unit Conditions Min Typ Max Input Impedance RIN_V 70 100 130 k Ω Maximum Input Voltage VIM 2 2.35 - Vrms VIM at THD+N(VOUT)=1% BW=400Hz-30kHz Maximum Gain GV_BST 21 23 25 dB Gain=23dB VIN=100mVrms GV=20log(VOUT/VIN) Maximum Attenuation * GV_MIN - -109 -90 dB Volume=- ∞dB GV=20log(VOUT/VIN) BW=IHF-A Step Resolution GV_STEP - 1 - dB GAIN&ATT=+23dB to -79dB Gain Set Error GV_ERR -2 0 +2 dB Gain=+1dB to +23dB Attenuation Set Error 1 GV_ERR1 -2 0 +2 dB ATT=-1dB to -15dB Attenuation Set Error 2 GV_ERR2 -3 0 +3 dB ATT=-16dB to -47dB Attenuation Set Error 3 GV_ERR3 -4 0 +4 dB ATT=-48dB to -79dB Output Impedance ROUT - - 50 Ω VIN =100mVrms Maximum Output Voltage VOM 2 2.35 - Vrms THD+N=1% BW=400Hz-30kHz Input Impedance RIN_M 70 100 130 k Ω Maximum Attenuation * GM_MIN - -90 - dB GM=20log(VOUT/VIN) BW=IHF-A, ATT=- ∞dB Step Resolution 1 GM_STEP1 - 8 - dB ATT=0dB to -32dB Step Resolution 2 GM_STEP2 - 16 - dB ATT=-32dB to -64dB VP-9690A (Average value detection, effective value display) filter by Matsushita Communication is used for * measurement. Phase between input / output is same. |
Número de pieza similar - BD3461FS |
|
Descripción similar - BD3461FS |