Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD34704KS2 Datasheet(PDF) 3 Page - Rohm |
|
BD34704KS2 Datasheet(HTML) 3 Page - Rohm |
3 / 40 page 3/36 Datasheet Datasheet BD34704KS2 TSZ02201-0C2C0E100210-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 2015.2.25 Rev.002 www.rohm.com TSZ22111・15・001 Description of terminal Terminal Number Symbol Function Terminal Number Symbol Function 1 DA Data and latch input terminal 41 INR9(SBRIN2) Rch input terminal 9 2 CL Clock input terminal 42 INL9(SBLIN2) Lch input terminal 9 3 VCC Positive power supply terminal 43 INR8 Rch input terminal 8 4 DGND Digital ground terminal 44 INL8 Lch input terminal 8 5 VEE1 Negative power supply terminal 1 45 INR7 Rch input terminal 7 6 N.C. No connect 46 INL7 Lch input terminal 7 7 VEE2 Negative power supply terminal 2 47 INR6 Rch input terminal 6 8 OUTFL FLch Output terminal 48 INL6 Lch input terminal 6 9 N.C. No connect 49 INR5 Rch input terminal 5 10 OUTFR FRch Output terminal 50 INL5 Lch input terminal 5 11 N.C. No connect 51 INR4 Rch input terminal 4 12 OUTSW SWch Output terminal 52 INL4 Lch input terminal 4 13 N.C. No connect 53 INR3 Rch input terminal 3 14 OUTC Cch Output terminal 54 INL3 Lch input terminal 3 15 OUTSL SLch Output terminal 55 INR2 Rch input terminal 2 16 OUTSR SRch Output terminal 56 INL2 Lch input terminal 2 17 OUTSBL SBLch Output terminal 57 INR1 Rch input terminal 1 18 OUTSBR SBRch Output terminal 58 INL1 Lch input terminal 1 19 OUTPL Lch PRE Output terminal 59 GND Analog ground terminal 20 OUTPR Rch PRE Output terminal 60 SBRIN SBRch DSP input terminal 21 GND Analog ground terminal 61 SBLIN SBLch DSP input terminal 22 GND Analog ground terminal 62 SRIN SRch DSP input terminal 23 GND Analog ground terminal 63 SLIN SLch DSP input terminal 24 GND Analog ground terminal 64 CIN Cch DSP input terminal 25 GND Analog ground terminal 65 SWIN SWch DSP input terminal 26 GND Analog ground terminal 66 FRIN FRch DSP input terminal 27 GND Analog ground terminal 67 FLIN FLch DSP input terminal 28 SUBR Rch SUB Output terminal 68 FRIN3 FRch DSP input terminal 3 29 SUBL Lch SUB Output terminal 69 FLIN3 FLch DSP input terminal 3 30 RECR Rch REC Output terminal 70 GND Analog ground terminal 31 RECL Lch REC Output terminal 71 ADCR Rch ADC Output terminal 32 GND Analog ground terminal 72 ADCL Lch ADC Output terminal 33 INR12(FRIN2) Rch input terminal 12 73 GND Analog ground terminal 34 INL12(FLIN2) Lch input terminal 12 74 GND Analog ground terminal 35 INR11(CIN2) Rch input terminal 11 75 GND Analog ground terminal 36 INL11(SWIN2) Lch input terminal 11 76 GND Analog ground terminal 37 INR10(SRIN) Rch input terminal 10 77 GND Analog ground terminal 38 INL10(SLIN2) Lch input terminal 10 78 GND Analog ground terminal 39 GND Analog ground terminal 79 GND Analog ground terminal 40 N.C. No connect 80 CHIP Chip select terminal |
Número de pieza similar - BD34704KS2 |
|
Descripción similar - BD34704KS2 |