Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD39020TPU32R Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza LD39020TPU32R
Descripción Electrónicos  200 mA very low quiescent current linear regulator IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020TPU32R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39020TPU32R Datasheet HTML 1Page - STMicroelectronics LD39020TPU32R Datasheet HTML 2Page - STMicroelectronics LD39020TPU32R Datasheet HTML 3Page - STMicroelectronics LD39020TPU32R Datasheet HTML 4Page - STMicroelectronics LD39020TPU32R Datasheet HTML 5Page - STMicroelectronics LD39020TPU32R Datasheet HTML 6Page - STMicroelectronics LD39020TPU32R Datasheet HTML 7Page - STMicroelectronics LD39020TPU32R Datasheet HTML 8Page - STMicroelectronics LD39020TPU32R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
June 2015
DocID025316 Rev 3
1/30
This is information on a product in full production.
www.st.com
LD39020
200 mA very low quiescent current linear regulator IC
Datasheet - production data
Features
Input voltage from 1.5 to 5.5 V
Ultra low dropout voltage (200 mV typ. at
200 mA load)
Very low quiescent current (20 µA typ at no
load, 0.03 µA typ in off mode)
Output voltage tolerance: ±0.5% (A version)
or ± 2.0% @ 25 °C (standard version)
200 mA guaranteed output current
High PSRR (80 dB@1 kHz, 50 db@100
kHz)
Wide range of output voltages available on
request: from 0.8 V up to 5.0 V in 50 mV
step
Logic-controlled electronic shutdown
Internal soft-start
Optional output voltage discharge feature
Compatible with ceramic capacitor COUT =
0.47 µF
Internal constant current and thermal
protections
Available in DFN 1x1-4L and SOT23-5L
Operating temperature range: -40 °C to
125 °C
Applications
Mobile phones
Personal digital assistants (PDAs)
Digital still cameras (DSC)
Cordless phones and similar battery-
powered systems
Portable media players
Description
The LD39020 high accuracy voltage regulator
provides 200 mA of maximum current from an
input voltage ranging from 1.5 V to 5.5 V, with a
typical dropout voltage of 200 mV.
It is available in DFN 1x1-4L and SOT23-5L
packages, allowing the maximum space saving.
The device is stabilized with a ceramic capacitor
on the output. The ultra low drop voltage, low
quiescent current and low noise features,
together with the internal soft-start circuit, make
the LD39020 suitable for low power battery-
operated applications.
An enable logic control function puts the
LD39020 in shutdown mode allowing a total
current consumption lower than 0.1 µA. Constant
current and thermal protection are provided.
DFN1x1-4L
SOT23-5L


Número de pieza similar - LD39020TPU32R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
   Very low noise without bypass capacitor
February 2014 Rev 4
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
More results

Descripción similar - LD39020TPU32R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com