Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37522FS Datasheet(PDF) 10 Page - Rohm

No. de pieza BD37522FS
Descripción Electrónicos  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37522FS Datasheet(HTML) 10 Page - Rohm

Back Button BD37522FS Datasheet HTML 6Page - Rohm BD37522FS Datasheet HTML 7Page - Rohm BD37522FS Datasheet HTML 8Page - Rohm BD37522FS Datasheet HTML 9Page - Rohm BD37522FS Datasheet HTML 10Page - Rohm BD37522FS Datasheet HTML 11Page - Rohm BD37522FS Datasheet HTML 12Page - Rohm BD37522FS Datasheet HTML 13Page - Rohm BD37522FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
BD37522FS
10/27
TSZ02201-0C2C0E100470-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Timing Chart
CONTROL SIGNAL SPECIFICATION
(1) Electrical Specifications and Timing for Bus Lines and I/O Stages
Figure 17. Definition of Timing on the I2C-bus
Table 1 Characteristics of the SDA and SCL bus lines for I2C-bus devices
(Unless otherwise specified, Ta=25°C, VCC=8.5V)
Parameter
Symbol
Fast-mode I2C-bus
Unit
Min
Max
1
SCL clock frequency
fSCL
0
400
kHz
2
Bus free time between a STOP and START condition
tBUF
1.3
μs
3
Hold time (repeated) START condition. After this period,
the first clock pulse is generated
tHD;STA
0.6
μs
4
LOW period of the SCL clock
tLOW
1.3
μs
5
HIGH period of the SCL clock
tHIGH
0.6
μs
6
Set-up time for a repeated START condition
tSU;STA
0.6
μs
7
Data hold time:
tHD;DAT
0.06(Note)
μs
8
Data set-up time
tSU;DAT
120
ns
9
Set-up time for STOP condition
tSU;STO
0.6
μs
All values referred to VIH Min and VIL max Levels (see Table 2).
(Note) The device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH Min of the SCL signal) in order to bridge the
undefined region of the falling edge of SCL.
About 7(tHD;DAT), 8(tSU;DAT), make the setup in which the margin is fully in .
Table 2 Characteristics of the SDA and SCL I/O stages for I2C-bus devices
Parameter
Symbol
Fast-mode devices
Unit
Min
Max
10
LOW level input voltage:
VIL
-0.3
+1
V
11
HIGH level input voltage:
VIH
2.3
5
V
12
Pulse width of spikes which must be suppressed by the input filter.
tSP
0
50
ns
13
LOW level output voltage: at 3mA sink current
VOL1
0
0.4
V
14
Input current each I/O pin with an input voltage between 0.4V and 4.5V.
II
-10
+10
μA
SDA
S
SCL
tLOW
tR
tHD;DAT
P
tHD;STA
tHIGH
tBUF
tF
tSU;DAT
tSU;STAT
tSU;STOT
tSP
tHD;STAT
Sr
P
Figure 18. A Command Timing Example in the I2C Data Transmission
tBUF
:4us
tHD;STA
:2us
tHD;DAT
:1us
tLOW
:3us
tHIGH
:1us
tSU;DAT
:1us
tSU;STO
:2us
SCL clock frequency:250kHz
SCL
SDA
tHD;STA
:2µs
tHD;DAT
:1µs
tSU;DAT
:1µs
tSU;STO
:2µs
tBUF
:4µs
tLOW
:3µs
tHIGH
:1µs
SDA
SCL
SCL clock frequency : 250kHz


Número de pieza similar - BD37522FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37522FS ROHM-BD37522FS Datasheet
148Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BD37522FS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com