Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FCSL64R025FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co. |
|
FCSL64R025FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co. |
1 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 6 Test Condition Maximum ∆R Overload (10W) Rated power x1.5, 5s ±(1.0%+0.0005Ω) Max. temperature for rated power 70°C (10W: 100°C) Operating temp. range -55°C ~ +155°C Rated voltage √(Rated power x Resistance value) V In-rush current* Rated current 10 msec ON, 60 sec OFF, 10 cycles* (see table below) ±(1.0% +0.0005Ω) Rapid change of temperature -55°C (30min.)/+155°C (30min.), 100 cy. -40℃ (30min), Room temp (3min), +125℃ (30min), Room temp (3min), 1000 cy., FCSL150 only ±(1.0% +0.0005Ω) ±0.6% Solderability 245°C ±5°C for 3 ±0.5 sec. Min. 90% cover- age Endurance at 70°C 70°C ±3°C, Rated voltage 1.5h ON, 0.5h OFF, 1000h ±(1.0% +0.0005Ω) Resistance to soldering heat 260°C ±5°C for 10 ±1 sec. ±(0.5% +0.0005Ω) Moisture resistance 60°C ±2°C, 90~95% RH, Rated voltage 1.5h ON, 0.5h OFF, 1000h ±(2.0% +0.0005Ω) Terminal strength 10W: Bending width: 2mm for 10s±1s, Glass epoxy sub- strate 1.6mm thick ±(1.0%+0.0005Ω) FCSL Series Metal Foil Current Sense Ohmite continues to add to its complement of Current Sense offerings with the FCSL Series. FCSL incorporates proven metal foil technology to produce the ultimate in a cur- rent sense resistor. FCSL features the effec- tive combination of very low and stable TCRs (Temperature Coefficient of Resistance) avail- able in a wide selection of very low ohmic values. Power ratings up to 10 Watts makes FCSL the ideal choice for your current sens- ing applications. Power Resistance TCR Weight Series Rating Range (mΩ) Tol. (ppm/°C) (g) FCSL64 2.0W 1m ±5% ±150 0.036 2m ±2% ±100 3m ~ 100m ±1% ±50 10m ~ 50mΩ ±0.5% ±50 FCSL76 3.0W 1m ±5% ±150 0.050 2m ±2% ±100 3m ~ 100m ±1% ±50 FCSL90 4.0W 1m ±5% ±150 0.071 2m ±2% ±100 3m ~ 100m ±1% ±50 FCSL110 5.0W 1m ±5% ±150 0.096 2m ±2% ±100 3m ~ 100m ±1% ±50 10m ~ 50mΩ ±0.5% ±50 FCSL150 10.0W 1m ±5% ±100 0.316 2m ±2% ±100 3m ~ 100m ±1% ±100 (>9m:±50) Fea ture S •FoilConstructionensuresaverystableTCR(Temperature Coefficient of Resistance) •Designedforautomaticinsertion •Industrystandardsizes •Highheatresistantuse •Lowheatelectromotiveuse •Color:white(top)andgreen(bottom) 100 Ambient (10W) Temperature, °C 60 20 0 80 40 0 50 100 155 70 -55 In-rushcurrent= √(in-rush power/resistance value), or max. current, whichever is smaller *In-rush Current 1m Ω~10mΩ 12m Ω~100mΩ Rated In-rush Max. In-rush Max. Series Wattage Power Current Power Current FCSL64 2W 225W 125A 150W 70A FCSL76 3W 325W 150A 210W 80A FCSL90 4W 440W 180A 300W 100A FCSL110 5W 600W 240A 440W 120A FCSL150 10W 700W 270A 470W 140A Derating Recommended Reflow Temperature Profile For lead free soldering (Sn-Ag-Cu solder) Preheating: 130°~180° 60s~90s Heating: Over220° 30s~90s Peak: 240°~260° Max.10s Max.numberofreflow:2 Serie S S pe C i F i C ation S Chara C teri S ti CS Time (sec.) Preheating 130 ~ 180℃ 60 ~ 90 sec. Heating Peak 200 50 300 250 100 150 Over 220℃ 30s ~ 90s 240 ~ 260℃ Max. 10s |
Número de pieza similar - FCSL64R025FE |
|
Descripción similar - FCSL64R025FE |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |