Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018665 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0622018665
Descripción Electrónicos  Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018665 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018665 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018665 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001, AS-76060-9999-001
Packaging Specification
PK-70873-759
Product Specification
PS-76060-999-001
Sales Drawing
SD-76055-003
Symbol/Footprint Data
SYM-76055-5615
Backplane Header
Removal Tool for
GbX® U-Series, GbX
I-Trac™, Impact™,
or Z-PACK Tinman*
0621009610
Impact™ Backplane
Press-In Tool
0622018873
This document was generated on 11/17/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622018665

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018665 MOLEX11-0622018665 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Open Endwall
0622018665 MOLEX11-0622018665 Datasheet
40Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Left Endwall
0622018665 MOLEX11-0622018665 Datasheet
46Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Open Endwall
0622018665 MOLEX11-0622018665 Datasheet
42Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Right Endwall
0622018665 MOLEX11-0622018665 Datasheet
38Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Right Endwall
More results

Descripción similar - 0622018665

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0760555106 MOLEX1-0760555106_17 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555604 MOLEX1-0760555604_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555707 MOLEX1-0760555707_17 Datasheet
47Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555605 MOLEX11-0760555605 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555208 MOLEX1-0760555208_17 Datasheet
43Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555106 MOLEX11-0760555106 Datasheet
46Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555617 MOLEX11-0760555617 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555707 MOLEX11-0760555707 Datasheet
49Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555208 MOLEX11-0760555208 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555606 MOLEX11-0760555606 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
0760555607 MOLEX11-0760555607 Datasheet
44Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Open Endwall
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com