Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37523FS-E2 Datasheet(PDF) 5 Page - Rohm

No. de pieza BD37523FS-E2
Descripción Electrónicos  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37523FS-E2 Datasheet(HTML) 5 Page - Rohm

  BD37523FS-E2 Datasheet HTML 1Page - Rohm BD37523FS-E2 Datasheet HTML 2Page - Rohm BD37523FS-E2 Datasheet HTML 3Page - Rohm BD37523FS-E2 Datasheet HTML 4Page - Rohm BD37523FS-E2 Datasheet HTML 5Page - Rohm BD37523FS-E2 Datasheet HTML 6Page - Rohm BD37523FS-E2 Datasheet HTML 7Page - Rohm BD37523FS-E2 Datasheet HTML 8Page - Rohm BD37523FS-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
BD37523FS
5/27
TSZ02201-0C2C0E100480-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Electrical Characteristics - continued
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Minimum Input Gain
GIN_MIN
-2
0
+2
dB
Input Gain 0dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Maximum Input Gain
GIN_MAX
+18
+20
+22
dB
Input gain +20dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Gain Set Error
GIN_ERR
-2
0
+2
dB
GAIN=+20dB to +1dB
Mute Attenuation *
GMUTE
-105
-85
dB
Mute ON
GMUTE=20log(VOUT/VIN)
BW = IHF-A
Maximum Gain
GV_MAX
+13
+15
+17
dB
Volume = +15dB
VIN=100mVrms
GV=20log(VOUT/VIN)
Maximum Attenuation *
GV_MIN
-100
-85
dB
Volume = -
∞dB
GV=20log(VOUT/VIN)
BW = IHF-A
Attenuation Set Error 1
GV_ERR1
-2
0
+2
dB
Gain & ATT=+15dB to -15dB
Attenuation Set Error 2
GV_ERR2
-3
0
+3
dB
ATT=-16dB to -47dB
Attenuation Set Error 3
GV_ERR3
-4
0
+4
dB
ATT=-48dB to -79dB
Maximum Boost Gain
GB_BST
18
20
22
dB
Gain=+20dB f=100Hz
VIN=100mVrms
GB=20log (VOUT/VIN)
Maximum Cut Gain
GB_CUT
-22
-20
-18
dB
Gain=-20dB f=100Hz
VIN=2Vrms
GB=20log (VOUT/VIN)
Gain Set Error
GB_ERR
-2
0
+2
dB
Gain=+20dB to -20dB f=100Hz
Maximum Boost Gain
GT_BST
17
20
23
dB
Gain=+20dB f=10kHz
VIN=100mVrms
GT=20log (VOUT/VIN)
Maximum Cut Gain
GT_CUT
-23
-20
-17
dB
Gain=-20dB f=10kHz
VIN=2Vrms
GT=20log (VOUT/VIN)
Gain Set Error
GT_ERR
-2
0
+2
dB
Gain=+20dB to -20dB f=10kHz
Maximum Boost Gain
GF_BST
+13
+15
+17
dB
Fader=+15dB
VIN=100mVrms
GF=20log(VOUT/VIN)
Maximum Attenuation *
GF_MIN
-100
-90
dB
Fader = -
∞dB
GF=20log(VOUT/VIN)
BW = IHF-A
Gain Set Error
GF_ERR
-2
0
+2
dB
Gain=+15dB to +1dB
Attenuation Set Error 1
GF_ERR1
-2
0
+2
dB
ATT=-1dB to -15dB
Attenuation Set Error 2
GF_ERR2
-3
0
+3
dB
ATT=-16dB to -47dB
Attenuation Set Error 3
GF_ERR3
-4
0
+4
dB
ATT=-48dB to -79dB
Output Impedance
ROUT
-
50
Ω
VIN =100mVrms
Maximum Output Voltage
VOM
2
2.2
Vrms
THD+N=1
BW=400Hz-30KHz
Maximum Gain
GL_MAX
17
20
23
dB
Gain 20dB
VIN=100mVrms
GL=20log(VOUT/VIN)
Gain Set Error
GL_ERR
-2
0
+2
dB
GAIN=+20dB to +1dB
VP-9690A (Average value detection, effective value display) filter by Matsushita Communication is used for * measurement.
Phase between input / output is same.


Número de pieza similar - BD37523FS-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37523FS ROHM-BD37523FS Datasheet
151Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BD37523FS-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com