Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDM862S Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza SDM862S
Descripción Electrónicos  16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SDM862S Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button SDM862S Datasheet HTML 2Page - Burr-Brown (TI) SDM862S Datasheet HTML 3Page - Burr-Brown (TI) SDM862S Datasheet HTML 4Page - Burr-Brown (TI) SDM862S Datasheet HTML 5Page - Burr-Brown (TI) SDM862S Datasheet HTML 6Page - Burr-Brown (TI) SDM862S Datasheet HTML 7Page - Burr-Brown (TI) SDM862S Datasheet HTML 8Page - Burr-Brown (TI) SDM862S Datasheet HTML 9Page - Burr-Brown (TI) SDM862S Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
®
SDM862/863/872/873
6
PIN CONFIGURATIONS
51
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
AMP OUT
AMP REF
+15V (1)
–15V (1)
+5V (2)
STATUS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
MUX ADD2
MUX ADD1
MUX ADD0
MUX ENABLE
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
S/H IN
NC
S/H OUT
HOLD CAP
S/H OUT
MUX
INA
A/D
DOTTED
LINE
SHOWS
SUPPLY
SEPARATION
PIN
GROUPING
BY
FUNCTION
51
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
AMP OUT
AMP REF
+15V (1)
–15V (1)
+5V (2)
STATUS
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
MUX ADD2
MUX ADD1
MUX ADD0
MUX ENABLE
CH0+
CH1+
CH2+
CH3+
CH4+
CH5+
CH6+
CH7+
S/H IN
NC
S/H OUT
HOLD CAP
S/H OUT
MUX
INA
A/D
DOTTED
LINE
SHOWS
SUPPLY
SEPARATION
PIN
GROUPING
BY
FUNCTION
TOP VIEW
SDM863/SDM873
TOP VIEW
SDM862/SDM872


Número de pieza similar - SDM862S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Descripción similar - SDM862S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_1 Datasheet
317Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
logo
Analog Devices
AD363 AD-AD363 Datasheet
6Mb / 16P
   COMPLETE 16 CHANNEL 12-BIT DATA ACQUISITION SYSTEMS
logo
Maxim Integrated Produc...
MAX180 MAXIM-MAX180 Datasheet
732Kb / 20P
   Complete, 8-Channel, 12-Bit Data-Acquisition Systems
19-3950; Rev 0; 6/91
logo
Murata Manufacturing Co...
HDAS8-16 MURATA-HDAS8-16 Datasheet
216Kb / 7P
   12-Bit, 50kHz, Complete Data Acquisition Systems
logo
Maxim Integrated Produc...
MAX7651 MAXIM-MAX7651 Datasheet
479Kb / 36P
   Flash Programmable 12-Bit Integrated Data-Acquisition Systems
Rev 0; 8/01
logo
Analog Devices
AD363 AD-AD363_15 Datasheet
6Mb / 16P
   Complete 16-Channel, 2-Bit Data Acquisition Systems
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com