Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25PF080B-80-4C-SAE-T Datasheet(PDF) 25 Page - Microchip Technology

No. de pieza SST25PF080B-80-4C-SAE-T
Descripción Electrónicos  8 Mbit 2.3-3.6V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B-80-4C-SAE-T Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST25PF080B-80-4C-SAE-T Datasheet HTML 21Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 22Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 23Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 24Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 25Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 26Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 27Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 28Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005137B-page 25
SST25PF080B
6.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XX
XXX
Package
Endurance/
Device
Device:
SST25PF080B
= 8 Mbit, 2.3-3.6V, Serial Peripheral Inter-
face flash memory
Operating
Frequency:
80
= 80 MHz
Endurance:
4
= 10,000 cycles
Temperature:
C
= 0°C to +70°C
Package:
QAE
= WSON (6mm x 5mm Body), 8-contact
SAE
= SOIC (150 mil Body), 8-lead
S2AE
= SOIC (200 mil Body), 8-lead
Tape and
Reel Flag:
T
= Tape and Reel
Valid Combinations:
SST25PF080B-80-4C-QAE
SST25PF080B-80-4C-QAE-T
SST25PF080B-80-4C-SAE
SST25PF080B-80-4C-SAE-T
SST25PF080B-80-4C-S2AE
SST25PF080B-80-4C-S2AE-T
XX
Operating
Temperature
X
Tape/Reel
Indicator
Frequency


Número de pieza similar - SST25PF080B-80-4C-SAE-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25PF080B-80-4C-SAE-T MICROCHIP-SST25PF080B-80-4C-SAE-T Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results

Descripción similar - SST25PF080B-80-4C-SAE-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
   2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com