Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74CBTLV3862PPG8 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
74CBTLV3862PPG8 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 5 page 3 INDUSTRIALTEMPERATURERANGE IDT74CBTLV3862 LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FollowingConditionsApplyUnlessOtherwiseSpecified: Operating Condition: TA = –40°C to +85°C NOTES: 1. Typical Values are at VCC = 3.3V, +25°C ambient. 2. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND. 3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch. Symbol Parameter Test Conditions Min. Typ.(1) Max. Unit VIK Control Inputs, Data I/O VCC = 3V, II = –18mA — — –1.2 V II Control Inputs, Data I/O VCC = 3.6V, VI = VCC or GND — — ±1 μA IOZ Data I/O VCC = 3.6V, VO = 0V or 3.6V switch disabled — — 5 μA IOFF VCC = 0V, VI or VO = 0V or 3.6V — — 50 μA ICC VCC = 3.6V, IO = 0, VI = VCC or GND — — 10 μA ΔICC(2) ControlInputs VCC = 3.6V, one input at 3V, other inputs at VCC or GND — — 300 μA CI ControlInputs VI = 3V or 0 — 4 — pF CIO(OFF) VO = 3V or 0 (switch off) — 6 — pF VCC = 2.3V VI = 0 IO = 64mA — 5 8 Typ. at VCC = 2.5V IO = 24mA — 5 8 RON(3) VI = 1.7V IO = 15mA — 27 40 Ω VI = 0 IO = 64mA — 5 7 VCC = 3V IO = 24mA — 5 7 VI = 2.4V IO = 15mA — 10 15 VCC = 2.5V ± 0.2V VCC = 3.3V ± 0.3V Symbol Parameter Min. Max. Min. Max. Unit tPD(1) PropagationDelay — 0.15 — 0.25 ns A to B or B to A tEN OutputEnableTime 1 4.5 1 4.2 ns OE to A or B tDIS OutputDisableTime 1 5 1 5 ns OE to A or B tEN OutputEnableTime 1 4.5 1 4.2 ns OE to A or B tDIS OutputDisableTime 1 5 1 6 ns OE to A or B NOTE: 1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impededance). SWITCHINGCHARACTERISTICS |
Número de pieza similar - 74CBTLV3862PPG8 |
|
Descripción similar - 74CBTLV3862PPG8 |