Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SME1900-17-PCB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SME1900-17-PCB
Descripción Electrónicos  Broadband Surface Mount Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SME1900-17-PCB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SME1900-17-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers SME1900-17-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
November 2002 Rev. 1.0
SME1900-17
Low Cost Surface Mount Mixer
0
1
2
3
4
5
0
21
27
36
36
29
1
26
0
29
24
24
38
2
62
56
64
58
61
65
3
>80
>80
>80
>80
>80
79
4
>80
>80
>80
>80
>80
>80
5
>80
>80
>80
>80
>80
>80
LO
Mult
RF
Mult
LO
MHz
RF
MHz
IM Prod
MHz
IM Prod
dB
0
1
2150
2200
2200
26
0
2
2150
2200
4400
62
0
3
2150
2200
6600
81
0
4
2150
2200
8800
95
0
5
2150
2200
11000
95
1
0
2150
2200
2150
21
-1
1
2150
2200
50
0
1
-2
2150
1100
50
56
1
-3
2150
734
52
87
1
-4
2150
550
50
95
-1
5
2150
440
50
95
2
0
2150
2200
4300
27
2
-1
2150
4350
50
29
-2
2
2150
2175
50
64
-2
3
2150
1450
50
79
-2
4
2150
1088
52
95
-2
5
2150
870
50
95
3
0
2150
2200
6450
36
-3
1
2150
6500
50
24
-3
2
2150
3250
50
58
-3
3
2150
2167
51
83
-3
4
2150
1625
50
94
-3
5
2150
1300
50
94
4
0
2150
2200
8600
36
-4
1
2150
8650
50
24
-4
2
2150
4325
50
61
Test Conditions RF at -10 dBm; LO at +17 dBm
-4
3
2150
2884
52
81
RF harmonics and intermodulation products are referenced
-4
4
2150
2163
52
95
fRF = 2150 MHz and fRF = 2200 MHz
-4
5
2150
1730
50
95
5
0
2150
2200
10750
29
LO harmonics are referenced to the LO drive signal.
-5
1
2150
10800
50
38
-5
2
2150
5400
50
65
-5
3
2150
3600
50
79
-5
4
2150
2700
50
93
-5
5
2150
2160
50
95
Single-Tone IM Products
Harmonics of fLO
The Communications Edge
TM


Número de pieza similar - SME1900-17-PCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SME1400B-10 ETC-SME1400B-10 Datasheet
57Kb / 4P
   Low Cost Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
logo
List of Unclassifed Man...
SME1400B-10-PCB ETC-SME1400B-10-PCB Datasheet
57Kb / 4P
   Low Cost Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10-PCB WJCI-SME1400B-10-PCB Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
SME1400B-10F WJCI-SME1400B-10F Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results

Descripción similar - SME1900-17-PCB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com