Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0622018662 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0622018662 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 11/15/2016 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0761451127 Status: Active Overview: Impact™ Backplane Connectors and Cable Assemblies Description: Impact™ 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall, 10 Columns, 180 Circuits, Pin Length 4.90mm, Plated Through Hole Dimension 0.39mm, Lead-Free Documents: 3D Model Application Specification AS-76060-990-001 (PDF) Drawing (PDF) Packaging Specification PK-70873-7703 (PDF) Product Specification PS-76060-999-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family Backplane Connectors Series 76145 Application Conventional Application Tooling Documents TM-622018799 Component Type PCB Header Overview Impact™ Backplane Connectors and Cable Assemblies Product Name Impact™ UPC 883906254056 Physical Circuits (Loaded) 180 Circuits (maximum) 180 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part No Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Net Weight 4.502/g Number of Columns 10 Number of Pairs 6 Number of Rows 18 Orientation Vertical PC Tail Length 1.40mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.00mm Packaging Type Tray Pitch - Mating Interface 1.90mm Pitch - Termination Interface 1.90mm Plating min - Mating 0.762µm Polarized to PCB No Stackable No Temperature Range - Operating -55°C to +85°C Termination Interface: Style Through Hole - Compliant Pin Electrical Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per - ED/21/2016 (20 June 2016) Halogen-Free Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 76145 Series Mates With 76150 Impact™ 100 Ohm Daughtercard Use With 75234 Backplane Free Standing Guide Pin Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Backplane Signal Module Assembly Press-In Tool for 6- 0622018662 |
Número de pieza similar - 0622018662 |
|
Descripción similar - 0622018662 |