Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SB66FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7SB66FU
Descripción Electrónicos  Single Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SB66FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SB66FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SB66FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SB66FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SB66FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SB66FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SB66FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SB66FU
2001-09-12
3
Electrical Characteristics
DC Characteristics (Ta
==== −−−−40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 1)
Max
Unit
“H” level
VIH
2.0~5.5
0.7
×
VCC
Control pin input
voltage
“L” level
VIL
2.0~5.5
0.3
×
VCC
V
Control pin input leakage
current
IIN
VIN = 0~5.5 V
2.0~5.5
±1.0
µA
Off-state leakage current
(switch off)
ISZ
A, B
= 0~VCC, OE = GND
2.0~5.5
±1.0
µA
VIS = 0 V, IIS = 30 mA
4.5
3
7
VIS = 4.5 V, IIS = 30 mA
4.5
5
15
VIS = 2.4 V, IIS = 15 mA
4.5
6
12
VIS = 0 V, IIS = 24 mA
3.0
4
9
VIS = 3 V, IIS = 24 mA
3.0
7
20
VIS = 0 V, IIS = 8 mA
2.0
6
12
ON resistance
(Note 2)
RON
VIS = 2 V, IIS = 8 mA
2.0
10
30
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
5.5
10
µA
Note 1: The typical values are at Ta
= 25°C.
Note 2: Apply the specified current to the switch, then measure the voltages on pins A and B. The on-resistance is
the lower of the two.
AC Characteristics (Ta
==== −−−−40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.0
0.5
3.3
± 0.3
0.35
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note 3)
5.0
± 0.5
0.25
ns
2.0
8
3.3
± 0.3
5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
5.0
± 0.5
4.5
ns
2.0
8
3.3
± 0.3
6.5
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
5.0
± 0.5
5
ns
Note 3: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note 4)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= GND
(Note 4)
5.0
10
pF
Note 4: Guaranteed by design.


Número de pieza similar - TC7SB66FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
More results

Descripción similar - TC7SB66FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com