Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7150NUV Datasheet(PDF) 5 Page - Rohm

No. de pieza BU7150NUV
Descripción Electrónicos  Headphone Amplifier Designed for 0.93V Low Voltage Operation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7150NUV Datasheet(HTML) 5 Page - Rohm

  BU7150NUV_15 Datasheet HTML 1Page - Rohm BU7150NUV_15 Datasheet HTML 2Page - Rohm BU7150NUV_15 Datasheet HTML 3Page - Rohm BU7150NUV_15 Datasheet HTML 4Page - Rohm BU7150NUV_15 Datasheet HTML 5Page - Rohm BU7150NUV_15 Datasheet HTML 6Page - Rohm BU7150NUV_15 Datasheet HTML 7Page - Rohm BU7150NUV_15 Datasheet HTML 8Page - Rohm BU7150NUV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Technical Note
5/18
BU7150NUV
www.rohm.com
2015.1 - Rev.E
© 2015 ROHM Co., Ltd. All rights reserved.
SE m ode
0
20
40
60
80
100
120
140
0
1
2
3
4
THD+N = 10%
THD+N = 1%
BTL m ode
0
100
200
300
400
500
600
700
800
900
1000
0
1
2
3
4
THD+N = 10%
THD+N = 1%
BTL m ode
Zoom up
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
THD+N = 10%
THD+N = 1%
SE m ode
Zoom up
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
THD+N = 10%
THD+N = 1%
VDD=1.2V, Input=200m VP-P,
SE m ode, Input Term inated into 10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
VDD=1.5V, Input=200m VP-P,
SE m ode, Input Term inated into 10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
VDD=1.5V, Input=200m VP-P,
BTL m ode, Input Term inated into 10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
VDD=1.2V, Input=200m VP-P,
BTL m ode, Input Term inated into 10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Supply Voltage [V]
Fig. 18 Maxim um output Power vs . Supply Voltage
Supply Voltage [V]
Fig. 19 Maxim um output Power vs . Supply Voltage
Supply Voltage [V]
Fig. 20 Maxim um output Power vs . Supply Voltage
Supply Voltage [V]
Fig. 21 Maxim um output Power vs . Supply Voltage
Frequency [Hz]
Fig. 22 PSRR vs . Frequency
Frequency [Hz]
Fig. 23 PSRR vs . Frequency
Frequency [Hz]
Fig. 24 PSRR vs . Frequency
Frequency [Hz]
Fig. 25 PSRR vs . Frequency
×
×
×
× :WC(PO=70m W
THD+N=1%)


Número de pieza similar - BU7150NUV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV Datasheet
520Kb / 17P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
More results

Descripción similar - BU7150NUV_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7150NUV ROHM-BU7150NUV Datasheet
520Kb / 17P
   Headphone Amplifier Designed for 0.93V Low Voltage Operation
logo
New Japan Radio
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
NXP Semiconductors
TDA8559 PHILIPS-TDA8559 Datasheet
264Kb / 32P
   Low-voltage stereo headphone amplifier
1997 Jun 27
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Cirrus Logic
CS44L11 CIRRUS-CS44L11 Datasheet
476Kb / 34P
   Low Voltage Class-D PWM Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com