Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G08DFT1G Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC74VHC1G08DFT1G
Descripción Electrónicos  Single 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G08DFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MC74VHC1G08DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G08DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G08DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G08DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G08DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G08DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74VHC1G08
www.onsemi.com
5
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE K


Número de pieza similar - MC74VHC1G08DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
MC74VHC1G08DFT1G ONSEMI-MC74VHC1G08DFT1G Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
MC74VHC1G08DFT1G-L22038 ONSEMI-MC74VHC1G08DFT1G-L22038 Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
More results

Descripción similar - MC74VHC1G08DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com