Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5712 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza 2SC5712
Descripción Electrónicos  TOSHIBA Transistor Silicon NPN Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5712 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5712 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5712 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5712 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5712 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5712 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5712
2001-12-17
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VBE (sat) – IC
Collector current IC (A)
VBE – IC
0.001
0.001
0.01
0.1
1
0.01
0.1
1
Common emitter
β = 50
Single nonrepetitive
pulse
Ta
= 100°C
−55
25
0.1
0.001
0.01
0.1
1
1
10
100
Common emitter
IC/IB = 50
Single nonrepetitive
pulse
Ta
= 100°C
−55
25
0
0
0.4
1
1
2
3
4
0.2
0.6
0.8
IB = 1 mA
Common emitter
Ta
= 25°C
Single nonrepetitive
pulse
70
60
50
40
30
20
10
5
2
10
0.001
0.01
0.1
1
100
1000
10000
Common emitter
VCE = 2 V
Single nonrepetitive
pulse
Ta
= 100°C
25
−55
0
0
0.4
0.8
1.2
1.6
1
2
3
Ta
= 100°C
Common emitter
VCE = 2 V
Single nonrepetitive
pulse
−55
25


Número de pieza similar - 2SC5712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC5712 TOSHIBA-2SC5712 Datasheet
169Kb / 5P
   High-Speed Switching Applications
2SC5712 TOSHIBA-2SC5712 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SC5712 TOSHIBA-2SC5712_06 Datasheet
169Kb / 5P
   High-Speed Switching Applications
More results

Descripción similar - 2SC5712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5714 TOSHIBA-2SC5714 Datasheet
112Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC009 TOSHIBA-TTC009 Datasheet
178Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5713 TOSHIBA-2SC5713 Datasheet
159Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TMBT3904 TOSHIBA-TMBT3904 Datasheet
243Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2018-05-17
2SC5174 TOSHIBA-2SC5174 Datasheet
172Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE
2SC6033 TOSHIBA-2SC6033 Datasheet
211Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8504 TOSHIBA-TPCP8504 Datasheet
224Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5784 TOSHIBA-2SC5784 Datasheet
178Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
TPCP8701 TOSHIBA-TPCP8701 Datasheet
217Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com