Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHCT86A Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC74VHCT86A
Descripción Electrónicos  Quad 2-Input XOR Gate / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT86A Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHCT86A_14 Datasheet HTML 1Page - ON Semiconductor MC74VHCT86A_14 Datasheet HTML 2Page - ON Semiconductor MC74VHCT86A_14 Datasheet HTML 3Page - ON Semiconductor MC74VHCT86A_14 Datasheet HTML 4Page - ON Semiconductor MC74VHCT86A_14 Datasheet HTML 5Page - ON Semiconductor MC74VHCT86A_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHCT86A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
VCC = 0
High or Low State
– 0.5 to + 7.0
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
− 20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
†Derating — SOIC Package: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
VIN
0.0
5.5
V
DC Output Voltage
VCC = 0
High or Low State
VOUT
0.0
0.0
5.5
VCC
V
Operating Temperature Range
TA
−55
+85
°C
Input Rise and Fall Time
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
tr , tf
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V, Measured in SOIC Package)
Symbol
Characteristic
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.3
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
− 0.3
− 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Número de pieza similar - MC74VHCT86A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT86AD ONSEMI-MC74VHCT86AD Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT86ADT ONSEMI-MC74VHCT86ADT Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHCT86AM ONSEMI-MC74VHCT86AM Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
More results

Descripción similar - MC74VHCT86A_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A_19 Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32A ONSEMI-MC74VHCT32A_11 Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT86A ONSEMI-MC74VHCT86A Datasheet
170Kb / 8P
   Quad 2?묲nput XOR Gate / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 1
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A Datasheet
86Kb / 11P
   2-input AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT08 ONSEMI-MC74VHC1GT08 Datasheet
90Kb / 8P
   2-Input AND Gate/CMOS Logic Level Shifter
March, 2002 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A_08 Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com