Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0034.1516.TR Datasheet(PDF) 2 Page - Schurter Inc.

No. de pieza 0034.1516.TR
Descripción Electrónicos  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.1516.TR Datasheet(HTML) 2 Page - Schurter Inc.

  0034.1516.TR Datasheet HTML 1Page - Schurter Inc. 0034.1516.TR Datasheet HTML 2Page - Schurter Inc. 0034.1516.TR Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
FSF 5x20 Pigtail
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.032 A – 0.1 A
8 A – 10 A
0.125 A – 6.3 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.1
250
1)
3500
840
1600
400
0.0014
l
0034.1506.TR
0.125
250
1)
2000
610
1600
400
0.00484
l
0034.1507.PT
0.125
250
1)
2000
610
1600
400
0.00484
l
0034.1507.TR
0.16
250
1)
2000
550
1600
500
0.0113
l
0034.1508.PT
0.16
250
1)
2000
550
1600
500
0.0113
l
0034.1508.TR
0.2
250
1)
1700
540
1600
500
0.0252
l
0034.1509.PT
0.2
250
1)
1700
540
1600
500
0.0252
l
0034.1509.TR
0.5
250
1)
1000
150
1600
200
0.151
l
0034.1513.PT
0.5
250
1)
1000
150
1600
200
0.151
l
0034.1513.TR
0.63
250
1)
650
140
1600
300
0.303
l
0034.1514.PT
0.63
250
1)
650
140
1600
300
0.303
l
0034.1514.TR
0.8
250
1)
240
110
1600
300
0.508
l
0034.1515.PT
0.8
250
1)
240
110
1600
300
0.58
l
0034.1515.TR
1
250
1)
200
110
1600
300
1.13
l
0034.1516.PT
1
250
1)
200
110
1600
300
1.13
l
0034.1516.TR
1.25
250
1)
200
100
1600
400
1.81
l
0034.1517.PT
1.25
250
1)
200
100
1600
400
1.81
l
0034.1517.TR
1.6
250
1)
190
100
1600
500
2.94
l
0034.1518.PT
1.6
250
1)
190
100
1600
500
2.94
l
0034.1518.TR
2
250
1)
170
90
1600
600
5.28
l
0034.1519.PT
2
250
1)
170
90
1600
600
5.28
l
0034.1519.TR
2.5
250
1)
170
90
1600
800
9.19
l
0034.1520.PT
2.5
250
1)
170
90
1600
800
9.19
l
0034.1520.TR
3.15
250
1)
150
90
2500
600
16.1
l
0034.1521.PT
3.15
250
1)
150
90
2500
600
16.1
l
0034.1521.TR
4
250
2)
130
90
2500
1000
25.6
l
0034.1522.PT
4
250
2)
130
90
2500
1000
25.6
l
0034.1522.TR
5
250
2)
130
80
2500
1300
33.8
l
0034.1523.PT
5
250
2)
130
80
2500
1300
33.8
l
0034.1523.TR


Número de pieza similar - 0034.1516.TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
0034.1516.TR SCHURTER-0034.1516.TR Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
0034.1516.TR-ND SCHURTER-0034.1516.TR-ND Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
More results

Descripción similar - 0034.1516.TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V01 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
00341513XX SCHURTER-00341513XX Datasheet
415Kb / 2P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V02 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
04.01.2022
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL_V01 Datasheet
296Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
04.01.2022
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com