Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


0001.2513.TR Datasheet(Hoja de datos) 2 Page - Schurter Inc.

No. de Pieza. 0001.2513.TR
Descripción  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo 

   
 2 page
background image
2
Non resettable fuses
SPT 5x20 Pigtail
www.schurter.com /PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.5 x In min.
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.5 A - 0.8 A
60 min
30 min
250 ms
80 s
50 ms
5 s
5 ms
150 ms
1 A - 3.15 A
60 min
30 min
750 ms
80 s
95 ms
5 s
10 ms
150 ms
4 A - 6.3 A
60 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
8 A - 10 A
30 min
30 min
750 ms
80 s
150 ms
5 s
10 ms
150 ms
12.5 A - 16 A
15 min
30 min
750 ms
80 s
150 ms
5 s
20 ms
150 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 0.8 A
1 – 3.15 A
4 – 10 A
_> 12.5 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.5
250
300
1)
850
360
1600
500
0.5
l
0001.2501.PT
0.5
250
300
1)
850
360
1600
500
0.5
l
0001.2501.TR
0.63
250
300
1)
650
330
1600
500
1.55
l
0001.2502.PT
0.63
250
300
1)
650
330
1600
500
1.55
l
0001.2502.TR
0.8
250
300
1)
500
260
1600
500
2.3
l
0001.2503.PT
0.8
250
300
1)
500
260
1600
500
2.3
l
0001.2503.TR
1
250
300
1)
350
180
2500
500
1.1
l
0001.2504.PT
1
250
300
1)
350
180
2500
500
1.1
l
0001.2504.TR
1.25
250
300
1)
300
150
2500
500
1.86
l
0001.2505.PT
1.25
250
300
1)
300
150
2500
500
1.86
l
0001.2505.TR
1.6
250
300
1)
200
130
2500
500
4.35
l
0001.2506.PT
1.6
250
300
1)
200
130
2500
500
4.35
l
0001.2506.TR
2
250
300
1)
190
120
2500
600
9.2
l
0001.2507.PT
2
250
300
1)
190
120
2500
600
9.2
l
0001.2507.TR
2.5
250
300
1)
180
100
2500
600
11.7
l
0001.2508.PT
2.5
250
300
1)
180
100
2500
600
11.7
l
0001.2508.TR
3.15
250
300
1)
140
100
4000
800
22
l
0001.2509.PT
3.15
250
300
1)
140
100
4000
800
22
l
0001.2509.TR
4
250
150
2)
100
90
4000
900
62.4
l
0001.2510.PT




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl