Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA45-2RU Datasheet(PDF) 7 Page - Schurter Inc.

No. de pieza TA45-2RU
Descripción Electrónicos  Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with undervoltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-2RU Datasheet(HTML) 7 Page - Schurter Inc.

Back Button TA45-2RU Datasheet HTML 2Page - Schurter Inc. TA45-2RU Datasheet HTML 3Page - Schurter Inc. TA45-2RU Datasheet HTML 4Page - Schurter Inc. TA45-2RU Datasheet HTML 5Page - Schurter Inc. TA45-2RU Datasheet HTML 6Page - Schurter Inc. TA45-2RU Datasheet HTML 7Page - Schurter Inc. TA45-2RU Datasheet HTML 8Page - Schurter Inc. TA45-2RU Datasheet HTML 9Page - Schurter Inc. TA45-2RU Datasheet HTML 10Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Thermal (T- and TA-Line)
TA45-2RU
www.schurter.com /PG17_20
Circuit Breakers
0,5
0,3
0,2
0,1
10'000
60
2`000
1`000
500
200
100
50
20
10
5
2
1
[ sec ]
[ min ]
10
5
1
30
20
1,05
10
8
5
4
3
2
1,32
Type
TA45
Rated current
In > 18 A
1 pole protected
2 pole protected
Ambient temp.
+23ºC
Multiple of Rated Current In
Reference Temperature +23°
Config. Code
TA45
|-|AK2|W|F|120|A2|-|AZM11|
The characters are placeholders for the correspondingly keys of selections from the key tables.
TA45
|-|AK2|W|F|120|A2|-|AZM11| = Basic function
Basic function
Configuration
key
2-pole, rocker, flat connection, illuminated 220 V...240 V
A02
2-pole, rocker, flat connection, illuminated 110 V...120 V
A04
2-pole, rocker, flat connection, illuminated 220 V...26 V
A07
2-pole, rocker, flat connection, illuminated 10 V...13 V
A08
2-pole, rocker, flat connection, illuminated 4 V...7 V
A09
2-pole, rocker, 1pole overload protection, flat connection, illuminated 220
V...240 V
A12
2-pole, rocker, 1pole overload protection, flat connection, illuminated 110
V...120 V
A14
2-pole, rocker, 1pole overload protection, flat connection, illuminated 20
V...26 V
A17
2-pole, rocker, 1pole overload protection, flat connection, illuminated 10
V...13 V
A18
2-pole, rocker, 1pole overload protection, flat connection, illuminated 4
V...7 V
A19
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 220 V...240 V
A22
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 110 V...120 V
A24
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 20 V...26 V
A27
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 10 V...13 V
A28
2-pole, rocker, 1pole overload protection, shunt terminal, flat connection,
illuminated 4 V...7 V
A29
2-pole, rocker, 2pole overload protection, flat connection, illuminated 220
V...240 V
A32
Basic function
Configuration
key
2-pole, rocker, 2pole overload protection, flat connection, illuminated 110
V...120 V
A34
2-pole, rocker, 2pole overload protection, flat connection, illuminated 20
V...26 V
A37
2-pole, rocker, 2pole overload protection, flat connection, illuminated 10
V...13 V
A38
2-pole, rocker, 2pole overload protection, flat connection, illuminated 4
V...7 V
A39
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 220 V...240 V
A42
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 110 V...120 V
A44
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 20 V...26 V
A47
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 10 V...13 V
A48
2-pole, rocker, 2pole overload protection, shunt terminal, flat connection,
illuminated 4 V...7 V
A49
2-pole, rocker, screw connection, illuminated 220 V...240 V
A52
2-pole, rocker, screw connection, illuminated 110 V...120 V
A54
2-pole, rocker, screw connection, illuminated 20 V...26 V
A57
2-pole, rocker, screw connection, illuminated 10 V...13 V
A58
2-pole, rocker, screw connection, illuminated 4 V...7 V
A59
2-pole, rocker, 1pole overload protection, screw connection, illuminated
220 V...240 V
A62
2-pole, rocker, 1pole overload protection, screw connection, illuminated
110 V...120 V
A64
2-pole, rocker, 1pole overload protection, screw connection, illuminated
20 V...26 V
A67


Número de pieza similar - TA45-2RU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-2RA SCHURTER-TA45-2RA Datasheet
525Kb / 7P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
More results

Descripción similar - TA45-2RU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
TA45-3RU SCHURTER-TA45-3RU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with undervoltage
TA45-2RAU SCHURTER-TA45-2RAU Datasheet
625Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45 SCHURTER-TA45_V01 Datasheet
1Mb / 14P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
14.04.2022
TA45-2R SCHURTER-TA45-2R Datasheet
601Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE Datasheet
1,007Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA35ROCKER2POLE SCHURTER-TA35ROCKER2POLE_18 Datasheet
992Kb / 8P
   Circuit Breaker for Equipment thermal, Rocker actuation, 2 pole
TA45-2R SCHURTER-TA45-2R_18 Datasheet
603Kb / 8P
   Circuit Breaker for Equipment thermal, 2 pole, Rocker actuation
TA45-3RAU SCHURTER-TA45-3RAU Datasheet
465Kb / 6P
   Circuit Breaker for Equipment thermal, 3 pole, Rocker actuation, with auxiliary contact, with undervoltage
TA45-2PU SCHURTER-TA45-2PU Datasheet
663Kb / 9P
   Circuit Breaker for Equipment thermal, 2 pole, Push button actuation, with undervoltage
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com