Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMCV-1206H-120 Datasheet(PDF) 2 Page - Abracon Corporation

No. de pieza AMCV-1206H-120
Descripción Electrónicos  SMD Multilayer Chip Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation

AMCV-1206H-120 Datasheet(HTML) 2 Page - Abracon Corporation

  AMCV-1206H-120 Datasheet HTML 1Page - Abracon Corporation AMCV-1206H-120 Datasheet HTML 2Page - Abracon Corporation AMCV-1206H-120 Datasheet HTML 3Page - Abracon Corporation AMCV-1206H-120 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Multilayer Chip Varistor
AMCV-1206H
3.2 x 1.6 x 1.05mm
.
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.22.12
Visit
www.abracon.com for Terms & Conditions of Sale
ISO 9001:2008
AMCV-1206H-
-
Voltage Code
Please refer to the
table above
Packaging
T: Tape and Reel
(3kpcs / reel)
OPTIONS AND PART IDENTIFICATION:
1.
AMCV-1206H-480
2.
AMCV-1206H-300
3.
AMCV-1206H-260
4.
AMCV-1206H-180
5.
AMCV-1206H-140
6.
AMCV-1206H-090
V/I CHARACTERISTICS
Recommended Land Pattern
Dimension: mm
L
W
T
a
3.2±0.2
1.6±0.2
1.05 Max.
0.2~0.8
A
B
C
1.8~2.5
1.0~1.5
1.2~2.0
OUTLINE DIMENSION:


Número de pieza similar - AMCV-1206H-120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-090 ABRACON-AMCV-1210H-090 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-090 ABRACON-AMCV-1210H-090 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-090 ABRACON-AMCV-1210H-090 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-101 ABRACON-AMCV-1210H-101 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
More results

Descripción similar - AMCV-1206H-120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402-180 ABRACON-AMCV-0402-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0402 ABRACON-AMCV-0402 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603-180 ABRACON-AMCV-0603-180 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-140-T ABRACON-AMCV-1210H-140-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1812H ABRACON-AMCV-1812H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com