Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0622018664 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0622018664
Descripción Electrónicos  Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0622018664 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018664 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018664 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Packaging Specification
PK-70873-760
Product Specification
PS-76060-999-001
Sales Drawing
RSD-173432-002, SD-76145-002
Symbol/Footprint Data
SYM-76145-3608
Backplane Insertion
Tool for Signal
Contact
0621005800
Backplane Header
Removal Tool for
GbX® U-Series, GbX
I-Trac™, Impact™,
or Z-PACK Tinman*
0621009610
Impact™ Backplane
Press-In Tool
0622018874
This document was generated on 11/18/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0622018664

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0622018664 MOLEX11-0622018664 Datasheet
46Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Right Endwall
0622018664 MOLEX11-0622018664 Datasheet
27Kb / 1P
   Press-in-Tool for Daughter Card Signal Module, 6-Pair by 16-Column Assemblies
0622018664 MOLEX11-0622018664 Datasheet
49Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Right Guided, Left Endwall
0622018664 MOLEX11-0622018664 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0622018664 MOLEX-0622018664 Datasheet
56Kb / 11P
   Backplane Module Installation Press-In Tool for 6 Pair by 16 Column Assemblies
06/25/2021
More results

Descripción similar - 0622018664

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0761453104 MOLEX1-0761453104_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453108 MOLEX1-0761453108_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453667 MOLEX1-0761453667_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453614 MOLEX11-0761453614 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453104 MOLEX11-0761453104 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453105 MOLEX11-0761453105 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453106 MOLEX1-0761453106_17 Datasheet
40Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453118 MOLEX1-0761453118_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453604 MOLEX1-0761453604_17 Datasheet
41Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0761453605 MOLEX11-0761453605 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com