Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3469-01 Datasheet(PDF) 2 Page - Fuji Electric

No. de pieza 2SK3469-01
Descripción Electrónicos  N CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3469-01 Datasheet(HTML) 2 Page - Fuji Electric

  2SK3469-01 Datasheet HTML 1Page - Fuji Electric 2SK3469-01 Datasheet HTML 2Page - Fuji Electric 2SK3469-01 Datasheet HTML 3Page - Fuji Electric 2SK3469-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID [A]
Typical Drain-Source on-state Resistance
10V
20V
8V
7.5V
7.0V
VGS=6.5V
01234
56789
10
0.1
1
10
VGS[V]
Typical Transfer Characteristic
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
20V
10V
8V
7.5V
7.0V
VDS [V]
Typical Output Characteristics
VGS=6.5V
Characteristics
2SK3469-01MR
FUJI POWER MOSFET
ID=f(VGS):80µs Pulse test, VDS=25V,Tch=25°C
ID=f(VDS):80µs Pulse test,Tch=25°C
gfs=f(ID):80µs Pulse test, VDS=25V,Tch=25°C
RDS(on)=f(ID):80µs Pulse test, Tch=25°C
0.1
1
10
0.1
1
10
100
ID [A]
Typical Transconductance
0
25
50
75
100
125
150
0
10
20
30
40
50
60
Allowable Power Dissipation
PD=f(Tc)
Tc [
°C]
0
25
50
75
100
125
150
0
50
100
150
200
250
300
starting Tch [
°C]
Maximum Avalanche Energy vs. starting Tch
E(AV)=f(starting Tch):Vcc=50V,I(AV)<=12A


Número de pieza similar - 2SK3469-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK3469-01MR FUJI-2SK3469-01MR Datasheet
112Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3469-01MR ISC-2SK3469-01MR Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fuji Electric
2SK3469-01MR FUJI-2SK3469-01MR_03 Datasheet
112Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Descripción similar - 2SK3469-01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com