Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
FHA1105P-TR
1
10
100
1
10
100
Page : 7
2012/10/30
Forward Current vs. Dominant Wavelength
Condition: Ta = 25℃
Forward Current: IF (mA)
Ambient Temperature vs. Dominant Wavelength
Condition: IF = 5mA
Ambient Temperature: Ta (℃)
Max. Forward Current vs. Duty Cycle
Condition: Ta = 25℃
Duty cycle: D (%)
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
DC
Duty
20%
Duty
50%
Duty
10%
Duty
5%
595
600
605
610
615
-40
-20
0
20
40
60
80
Max. Forward Current vs. Ambient Temperature
Repetition Frequency: f ≧ 50Hz
Ambient Temperature: Ta (℃)
595
600
605
610
615
0
5
10
15
20
Technical Data


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn