Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
F□□1105P-TR
2012/10/30
Handling Precaution
【 Other Precautions 】
1.
Stanley LED Lamps have semiconductor characteristics and are designed to ensure high reliability.
However, the performance may vary depending on usage conditions.
2.
Absolute Maximum Ratings are set to prevent LED lamps from failing due to excess stress( temperature,
current, voltage, etc.). Usage conditions must not exceed the ratings for a moment, nor do reach one
item of absolute maximum rating s simultaneously.
3.
In order to ensure high reliability from LED Lamps, variable factors that arise in actual usage conditions
should be taken it to account for designing. ( Derating of TYP., MAX Forward Voltage, etc.)
4.
Please insert Straight Protective Resistors into the circuit in order to stabilize LED operation and to
prevent the device from igniting due to excess current.
5.
Please avoid using the products with materials and products that contain sulfur and chorine element
which will decrease the reliability of LED. Please keep LED in desiccator to protect them from corrosive
gas regardless of whether mounting is finished or not. Also please make sure there is no gas occurs
around or gas inflows from outside when using LED.
6.
Please check the actual performance in the assembly because the Specification Sheets are described for
single LED.
7.
Please refrain from looking directly at the light source of LED at high output, as it may harm your vision.
8.
The products are designed to operate without failure in recommended usage conditions. However,
please take the necessary precautions to prevent fire, injury, and other damages should any malfunction
or failure arise
9.
The products are manufactured to be used for ordinary electronic equipment. Please contact our sales
staff beforehand when exceptional quality and reliability are required, and the failure or malfunction of
the products might directly jeopardize life or health ( such as for airplanes, aerospace, transport
equipment, medical applications, nuclear reactor control systems and so on).
10. The formal specification sheets shall be valid only by exchange of documents signed by both parties.
Page : A-3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn