Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 13 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 13 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
F□□1105P-TR
【 Packing box 】
(RoHS・ELV Compliant)
2012/10/30
The above measure is all the reference value.
Box for shipment is selected out of the above table, according to the shipping quantity.
Packaging Specifications
B
Type A
Material / box : Cardoard C5BF
Type B,C
Material / box : Cardoard K5AF
Partition : Cardoard K5BF
Box TYPE
Outline dimension
L × W × H (mm)
Capacity of the box
Type A
280 × 265 × 45
3 reel
Type B
310 × 235 × 265
15 reel
Type C
440 × 310 × 265
30 reel
Page : A-6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn