Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 15 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 15 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
F□□1105P-TR
Taping and Reel Specifications
(acc.to JIS-C0806-03)
【Appearance】
2012/10/30
Items
Specifications
Remarks
Leader area
Cover-tape
Cover-tape shall be longer
than 320mm without carrier-tape
The end of cover-tape shall be
held with adhesive tape.
Carrier-tape
Empty pocket shall be more than
20 pieces.
Please refer to the above figure
for Taping & reel orientation .
Trailer area
Empty pocket shall be more than
15 pieces.
The end of taping shall be
inserted into a slit of the hub.
Page : A-8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn