Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 16 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 16 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
F□□1105P-TR
Taping and Reel Specifications
(acc.to JIS-C0806-03)
2012/10/30
10,000parts/reel
Minimum Qty. per reel might be 500 parts when getting less than 10,000 parts. In such case, parts
of 500-unit-qty. shall be packed in a reel and the qty. shall be identified on the label
Cover-tape adhesive strength shall be 0.1~1.0N ( An angle between carrier-tape and cover-tape shall
be170 deg. ) Both tapes shall be so sealed that the contained parts will not come out from the tape
when it is bent at a radius of 15mm.
Reversed-orientation, Up-side down placing, side placing and out of spec. parts mix shall not be held.
Max qty. of empty pocket per reel shall be defined as follows.
Qty./reel
Max. qty. of empty pocket
Remark
1,000
1
-
2,000
2
No continuance
3,000
3
No continuance
4,000
4
No continuance
5,000
5
No continuance
6,000
6
No continuance
7,000
7
No continuance
8,000
8
No continuance
9,000
9
No continuance
10,000
10
No continuance
【Qty. per Reel】
【Mechanical strength】
【Others】
Page : A-9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn