Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 18 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 18 Page - STANLEY ELECTRIC CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
F□□1105P-TR
Lot Number Notational System
2012/10/30
③④
⑦⑧
① -1digit : Production Location (Mark identify alphabet)
② -1digit : Production Year (Last Digit of Production Year shall be indicate as 2009→9,2010→0,2011→1,・・・)
③ -2digit : Production Month (Jan. to Sep. ,shall be indicated as 01,02,03,・・・・・)
④ -2digit : Production Date
⑤ -3digit : Serial Number
⑥ -2digit : Tape and Reel following Number
⑦ -2digit : Luminous Intensity Rank.
(If luminous intensity rank is 1 digit, "-" shall be dashed on the place for the second digit.
If there is no identified rank, "- -" shall be used to indicate.)
⑧ -2digit : Chromaticity Rank
(If chromaticity rank is 1 digit, "-" shall be dashed on the place for the second digit.
If there is no identified rank, "- -" shall be used to indicate.)
⑨ -1digit : Option Rank (Stanley normally print "-" to indicate.)
Page : A-11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn