Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 19 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 19 Page - STANLEY ELECTRIC CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
F□□1105P-TR
Correspondence to RoHS・ELV instruction
2012/10/30
This product is in compliance with RoHS・ELV.
Prohibition substance and it's criteria value of RoHS・ELV are as follows.
・RoHS instruction …… Refer to following (1)~(6).
・ELV instruction ………. Refer to following (1)~(4).
Substance Group Name
Criteria Value
(1)
Lead and its compounds
1,000ppm Max
(2)
Cadmium and its compounds
100ppm Max
(3)
Mercury and its compounds
1,000ppm Max
(4)
Hexavalent chromium
1,000ppm Max
(5)
PBB
1,000ppm Max
(6)
PBDE
1,000ppm Max
Page : A-12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn