Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FHA1105P-TR Datasheet(PDF) 20 Page - STANLEY ELECTRIC CO.,LTD.

No. de Pieza. FHA1105P-TR
Descripción  1005(t=0.25mm) Type, water clear lens
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo 

FHA1105P-TR Datasheet(HTML) 20 Page - STANLEY ELECTRIC CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
F□□1105P-TR
Reliability Testing Result
2012/10/30
1. Reliability Testing Result
Test Item
Reference
Standard
Test Condition
Duration
Failure
Room Temperature
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃, IF = 20mA
1,000 h
0/20
High Temperature
Operating Life
EIAJ ED-
4701/100(101)
Ta = 85℃, IF = 8mA
1,000 h
0/20
Low Temperature
Operating Life
EIAJ ED-
4701/100(101)
Ta = -40℃, IF = 20mA
1,000 h
0/20
Wet High Temperature
Operating Life
EIAJ ED-
4701/100(102)
Ta = 60℃, RH = 90±5%,IF=14.6mA
1,000 h
0/20
Thermal Shock
EIAJ ED-
4701/100(105)
Ta = -40℃~100℃(each 15min)
1,000
cycles
0/20
Resistance to Reflow Soldering
EIAJ ED-
4701/300(301)
Moisture Soak:30℃ 70% 96h
Preheating:150~180℃ 120sec Max
Soldering: 260 Peak
2times
0/20
Electrostatic Discharge(ESD)
EIAJ ED-
4701/300(304)
C=100pF R2=1.5kΩ±1000V
once each
polarity
0/20
Item
Symbol
Condition
Failure Criteria
Luminous Intensity
Iv
IF=5mA
Testing Min. Value <Standard Min. Value × 0.5
Forward Voltage
VF
IF=5mA
Testing Max. Value≧ Standard Max. Value × 1.2
Cosmetic appearance
-
-
Notable, discoloration, deformation and cracking
2. Failure Criteria
Page : A-13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn