Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM2G-0524DZ Datasheet(PDF) 4 Page - AIMTEC |
|
AM2G-0524DZ Datasheet(HTML) 4 Page - AIMTEC |
4 / 8 page Series AM2G-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.N 4 of 8 North America only Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 60sec 1000 & 3000 VDC Resistance > 1000 Capacitance Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Cross Regulation (Dual Output Models) 25% load on output - 100% load 2nd output ±5 % Short Circuit protection Continuous Short Circuit restart Auto recovery Line voltage regulation LL~HL ±0.5 % Load voltage regulation load 25~100% ±1 % Temperature coefficient ±0.02 %/oC Ripple & Noise* At 20MHz Bandwidth 80 mV p-p Rising time 50 ms * The ripple and noise should be measured with connected 47μF capacitor and 0.1μF ceramic capacitor on the output of the converter. In order to achieve ripple and noise specification, a 100μF capacitor is required to be connected to the output of the converter General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load >100 650 KHz Operating temperature -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature +100 oC Cooling Free air convection Humidity 95 % Case material Non-conductive black plastic (UL94V-0 rated) Weight 3.96 g Dimensions (L x W x H) 0.86 x 0.36 x 0.44 inch 21.85 x 9.20 x 10.60 mm MTBF >1 610 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approval CE Standards EN55022 Class A, IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A |
Número de pieza similar - AM2G-0524DZ |
|
Descripción similar - AM2G-0524DZ |