Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3TW-4815SZ Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM3TW-4815SZ
Descripción Electrónicos  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3TW-4815SZ Datasheet(HTML) 2 Page - AIMTEC

  AM3TW-4815SZ Datasheet HTML 1Page - AIMTEC AM3TW-4815SZ Datasheet HTML 2Page - AIMTEC AM3TW-4815SZ Datasheet HTML 3Page - AIMTEC AM3TW-4815SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM3TW-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
2 of 4
North America only
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive
load, max (μF)
Efficiency
(%)
AM3TW-2424DZ
9-36
±24
±63
1500
±33
80
AM3TW-4803DZ
18-72
±3.3
±400
1500
±470
76
AM3TW-4805DZ
18-72
±5
±300
1500
±470
81
AM3TW-4807DZ
18-72
±7.2
±208
1500
±100
78
AM3TW-4809DZ
18-72
±9
±167
1500
±100
82
AM3TW-4812DZ
18-72
±12
±125
1500
±68
81
AM3TW-4815DZ
18-72
±15
±100
1500
±68
82
AM3TW-4818DZ
18-72
±18
±84
1500
±33
81
AM3TW-4824DZ
18-72
±24
±63
1500
±33
81
AM3TW-2403DH35Z
9-36
±3.3
±400
3500
±470
76
AM3TW-2405DH35Z
9-36
±5
±300
3500
±470
79
AM3TW-2407DH35Z
9-36
±7.2
±208
3500
±100
78
AM3TW-2409DH35Z
9-36
±9
±167
3500
±100
79
AM3TW-2412DH35Z
9-36
±12
±125
3500
±68
80
AM3TW-2415DH35Z
9-36
±15
±100
3500
±68
80
AM3TW-2418DH35Z
9-36
±18
±84
3500
±33
81
AM3TW-2424DH35Z
9-36
±24
±63
3500
±33
80
AM3TW-4803DH35Z
18-72
±3.3
±400
3500
±470
76
AM3TW-4805DH35Z
18-72
±5
±300
3500
±470
81
AM3TW-4807DH35Z
18-72
±7.2
±208
3500
±100
78
AM3TW-4809DH35Z
18-72
±9
±167
3500
±100
82
AM3TW-4812DH35Z
18-72
±12
±125
3500
±68
81
AM3TW-4815DH35Z
18-72
±15
±100
3500
±68
82
AM3TW-4818DH35Z
18-72
±18
±84
3500
±33
81
AM3TW-4824DH35Z
18-72
±24
±63
3500
±33
81
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
24 Vin
48 Vin
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage
3 sec
1500 and 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual output)
±1
%
Short Circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation (Single)
LL-HL
±0.5
%


Número de pieza similar - AM3TW-4815SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM3TW-4815SZ AIMTEC-AM3TW-4815SZ Datasheet
240Kb / 4P
   3 Watt | DC-DC Converter
More results

Descripción similar - AM3TW-4815SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com