Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC2G14 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HC2G14
Descripción Electrónicos  Inverting Schmitt-triggers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G14 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC2G14 Datasheet HTML 3Page - NXP Semiconductors 74HC2G14 Datasheet HTML 4Page - NXP Semiconductors 74HC2G14 Datasheet HTML 5Page - NXP Semiconductors 74HC2G14 Datasheet HTML 6Page - NXP Semiconductors 74HC2G14 Datasheet HTML 7Page - NXP Semiconductors 74HC2G14 Datasheet HTML 8Page - NXP Semiconductors 74HC2G14 Datasheet HTML 9Page - NXP Semiconductors 74HC2G14 Datasheet HTML 10Page - NXP Semiconductors 74HC2G14 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2003 May 1
7
Philips Semiconductors
Preliminary specification
Inverting Schmitt-triggers
74HC2G14; 74HCT2G14
TRANSFER CHARACTERISTICS
Type 74HC2G14
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
Type 74HCT2G14
Over recommended operating conditions; voltage are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC
(V)
+25
−40 to +85 −40 to +125
MIN.
TYP.(1) MAX. MIN. MAX. MIN. MAX.
Vt+
positive going
threshold
see Figs. 5 and 6
2.0
1.0
1.18
1.5
1.0
1.5
1.0
1.5
V
4.5
2.3
2.6
3.15
2.3
3.15
2.3
3.15
V
6.0
3.0
3.46
4.2
3.0
4.2
3.0
4.2
V
Vt−
negative going
threshold
see Figs. 5 and 6
2.0
0.3
0.6
0.9
0.3
0.9
0.3
0.9
V
4.5
1.13
1.47
2.0
1.13
2.0
1.13
2.0
V
6.0
1.5
2.06
2.6
1.5
2.6
1.5
2.6
V
Vh
hysteresis
(Vt+ -Vt−)
see Figs. 5 and 6
2.0
0.3
0.6
1.0
0.3
1.0
0.3
1.0
V
4.5
0.6
1.13
1.4
0.6
1.4
0.6
1.4
V
6.0
0.8
1.40
1.7
0.8
1.7
0.8
1.7
V
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC
(V)
+25
−40 to +85 −40 to +125
MIN.
TYP.(1) MAX. MIN. MAX. MIN. MAX.
Vt+
positive going
threshold
see Figs. 5 and 6
4.5
1.2
1.58
1.9
1.2
1.9
1.2
1.9
V
5.5
1.4
1.78
2.1
1.4
2.1
1.4
2.1
V
Vt−
negative going
threshold
see Figs. 5 and 6
4.5
0.5
0.87
1.2
0.5
1.2
0.5
1.2
V
5.5
0.6
1.11
1.4
0.6
1.4
0.6
1.4
V
Vh
hysteresis
(Vt+ -Vt−)
see Figs. 5 and 6
4.5
0.4
0.71
0.4
0.4
V
5.5
0.4
0.67
0.4
0.4
V


Número de pieza similar - 74HC2G14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC2G14 NXP-74HC2G14 Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G14GV NXP-74HC2G14GV Datasheet
95Kb / 19P
   Dual inverting Schmitt trigger
Rev. 01 - 11 October 2006
logo
Nexperia B.V. All right...
74HC2G14GV NEXPERIA-74HC2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
More results

Descripción similar - 74HC2G14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC3G14 PHILIPS-74HC3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Aeroflex Circuit Techno...
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com