Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4TW-4805DZ Datasheet(PDF) 5 Page - AIMTEC

No. de pieza AM4TW-4805DZ
Descripción Electrónicos  4 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4TW-4805DZ Datasheet(HTML) 5 Page - AIMTEC

  AM4TW-4805DZ Datasheet HTML 1Page - AIMTEC AM4TW-4805DZ Datasheet HTML 2Page - AIMTEC AM4TW-4805DZ Datasheet HTML 3Page - AIMTEC AM4TW-4805DZ Datasheet HTML 4Page - AIMTEC AM4TW-4805DZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM4TW-Z
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
5 of 5
North America only
Surge:
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Dual Output
DC/DC
Converter
+V input
-V input
+V output
Common
C1
-V output
220uF
100V
Load
Load


Número de pieza similar - AM4TW-4805DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM4TW-4805DZ AIMTEC-AM4TW-4805DZ Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
More results

Descripción similar - AM4TW-4805DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ Datasheet
453Kb / 4P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com