Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM8TW-4803SZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM8TW-4803SZ
Descripción Electrónicos  8Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-4803SZ Datasheet(HTML) 3 Page - AIMTEC

  AM8TW-4803SZ Datasheet HTML 1Page - AIMTEC AM8TW-4803SZ Datasheet HTML 2Page - AIMTEC AM8TW-4803SZ Datasheet HTML 3Page - AIMTEC AM8TW-4803SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM8TW-Z
8Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
3 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load 1600VDC models
270
KHz
24 & 48V nom 3000VDC models
330
110V
220
Operating temperature
Derating above +70
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
105
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Nickel plated Cooper
Weight
18
g
Dimensions (L x W x H)
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
> 1,000,100 hours(MIL-HDBK-217F , Ground Benign, t=+25oC)
Maximum soldering temperature
1.5mm from case for 10sec
260
oC
Safety Specifications
Parameters
Agency Approval
CE (1600VDC models)
Standards for 1600VDC
models
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 330uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
Meets IEC/EN60950-1
Pin Out Specifications
Dimensions
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-V Input
-V Input
3
-V Input
-V Input
9
No Pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
N.C.: Not Connected
Bottom View
2.54
(0.10)
5.08
(0.20)
Printed Face
0.50
(0.02)
31.80
(1.25)
23
9
11
14
16
22
23
1


Número de pieza similar - AM8TW-4803SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM8TW-4803SZ AIMTEC-AM8TW-4803SZ Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
More results

Descripción similar - AM8TW-4803SZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM8TW-Z AIMTEC-AM8TW-Z Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
AM8TW-Z AIMTEC-AM8TW-Z_13 Datasheet
259Kb / 4P
   8Watt | DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com