Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AM30KW-4815SH30IZ Datasheet(Hoja de datos) 2 Page - AIMTEC

No. de Pieza. AM30KW-4815SH30IZ
Descripción  30 Watt | DC-DC Converter
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AIMTEC [AIMTEC]
Página de inicio  http://www.aimtec.ca
Logo 

   
 2 page
background image
Series AM30KW-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-75
Filter
 (Pi) Network
Start up time
ms
Recommended input fuse (Slow
Blow)
24
4A/250V
48
2A/250V
Absolute Maximum Rating
24
50
VDC
48
100
Peak Input Voltage time
ms
On/Off control
ON –TTL High or Open ; OFF – TTL Low or Short
No Load Input Current
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
500VDC
>1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Over voltage Protection
Zener diode clamp
Over current protection
>110
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
HL-LL
±0.5
% of Vin
Load voltage regulation (Single)
25-100%
±0.5
%
Load voltage regulation (Dual)
25-100%
±1
%
Temperature coefficient
±0.05
%/
oC
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Voltage adjustment range
±10
%
Minimum Load Current
25
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
250
KHz
Operating temperature
With derating above 70ºC
-40 to +85
oC
Storage temperature
-55 to +105
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel coated copper with non-conductive base
Weight
50
g
Dimensions (L x W x H)
2.00 x 1.60 x 0.40 inches
50.80 x 40.60 x 10.20 mm
MTBF
> 550 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
oC
Transient recovery time
25% step change
280
uS
Transient recovery deviation
mS
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, EN 55024 class A




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl