Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40E-4815DZ Datasheet(PDF) 7 Page - AIMTEC

No. de pieza AM40E-4815DZ
Descripción Electrónicos  40 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40E-4815DZ Datasheet(HTML) 7 Page - AIMTEC

  AM40E-4815DZ Datasheet HTML 1Page - AIMTEC AM40E-4815DZ Datasheet HTML 2Page - AIMTEC AM40E-4815DZ Datasheet HTML 3Page - AIMTEC AM40E-4815DZ Datasheet HTML 4Page - AIMTEC AM40E-4815DZ Datasheet HTML 5Page - AIMTEC AM40E-4815DZ Datasheet HTML 6Page - AIMTEC AM40E-4815DZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series AM40E-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
7 of 7
North America only
EFT/Surge
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C1
L1
C2/C3/C5/C6
C4
C7
C8
C9
AM40E-12xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,6.8µF,
50V
330µF, 100V
1206,1000pF,
2KV
AM40E-24xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,4.7µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-48xxSZ
(single)
220µF,
100V
Common
Choke 68µH
1812,1.5µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-12xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,6.8µF,
50V
330µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-24xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,4.7µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
AM40E-48xxDZ
(dual)
220µF,
100V
Common
Choke 68µH
1812,1.5µF,
50V
220µF, 100V
1206,1000pF,
2KV
1206,1000pF,
2KV
C1
DC/DC
Converter
+V input
-V input
+V output
Load
-V output
220uF
100V


Número de pieza similar - AM40E-4815DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40E-4815DZ AIMTEC-AM40E-4815DZ Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
More results

Descripción similar - AM40E-4815DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com