Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME15-12DMAZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME15-12DMAZ
Descripción Electrónicos  15 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-12DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AME15-12DMAZ Datasheet HTML 1Page - AIMTEC AME15-12DMAZ Datasheet HTML 2Page - AIMTEC AME15-12DMAZ Datasheet HTML 3Page - AIMTEC AME15-12DMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AME15-MAZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.O
1 of 4
North America only
FEATURES:
 4000VAC I/O Isolation
 RoHS compliant
 Operating temperature: -40 to +85°C
 Soft start
 Over load, Over Voltage, Short Circuit Protection
 Energy Star compliant
 Universal input: 90-264VAC, 47-440Hz
 CE, cULus, CB approvals
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input voltage
(VDC)
Output
Voltage (V)
Output Current
max (A)
Maximum
capacitive Load (µF)
Efficiency
(%)
115
VAC
230
VAC
AME15-3.3SMAZ
90-264/47-440
130-370
3.3
3
4700
73
73
AME15-5SMAZ
90-264/47-440
130-370
5
3
2200
76
78
AME15-12SMAZ
90-264/47-440
130-370
12
1.25
1000
78
79
AME15-15SMAZ
90-264/47-440
130-370
15
1
680
79
82
AME15-24SMAZ
90-264/47-440
130-370
24
0.63
470
82
84
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input voltage
(VDC)
Output
Voltage (V)
Output Current
max (A)
Maximum
Capacitive Load (µF)
Efficiency
(%)
115
VAC
230
VAC
AME15-5DMAZ
90-264/47-440
130-370
±5
±1.5
±1000
78
79
AME15-12DMAZ
90-264/47-440
130-370
±12
±0.63
±470
81
82
AME15-15DMAZ
90-264/47-440
130-370
±15
±0.5
±330
82
83
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115 VAC
350
mA
230 VAC
180
mA
Inrush current <2ms (Cold Start)
115 VAC
20
A
230 VAC
30
A
Leakage current
115 VAC
0.1
mA
264 VAC
0.2
mA
External Fuse (recommend)
slow blow type
2
A
Input Dissipation
110/230Vac
0.2
W
Under Voltage Protection
85
VAC
Start-up time
350
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
LL-HL
±1
%
Load regulation (single)
0-100%
±1
%
Cross regulation (dual)
25% load - 1st out, 100% load – 2nd out
±5
%
Transient Recovery Time
300
µs
Transient Response Deviation
25% load step
±2
% of Vout
Ripple & Noise*
3.3 / 5V Models
12 / 15V Models
24V
75
100
150
mVp-p
Hold-up time
min
20
ms
* Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) and 47μF (E/C) parallel capacitor
Click on Series name for product info on aimtec.com
CB


Número de pieza similar - AME15-12DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AME15-12DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-CJZ AIMTEC-AME15-CJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-JZ AIMTEC-AME15-JZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com