Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMEL20-515DMAZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AMEL20-515DMAZ
Descripción Electrónicos  20 Watt | AC-DC / DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL20-515DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL20-515DMAZ Datasheet HTML 1Page - AIMTEC AMEL20-515DMAZ Datasheet HTML 2Page - AIMTEC AMEL20-515DMAZ Datasheet HTML 3Page - AIMTEC AMEL20-515DMAZ Datasheet HTML 4Page - AIMTEC AMEL20-515DMAZ Datasheet HTML 5Page - AIMTEC AMEL20-515DMAZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AMEL20-MAZ
20 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.V
1 of 6
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage (W)
Output
Voltage(V)
Output
Current max
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
115
VAC
230
VAC
AMEL20-3.3SMAZ
90-264/47-440
130-370
13.2
3.3
4
5600
75
73
AMEL20-5SMAZ
90-264/47-440
130-370
20
5
4
4700
79
78
AMEL20-12SMAZ
90-264/47-440
130-370
20
12
1.66
3300
81
81
AMEL20-15SMAZ
90-264/47-440
130-370
20
15
1.33
2200
83
81
AMEL20-24SMAZ
90-264/47-440
130-370
20
24
0.84
1000
83
82
Note: Optional mounting plate version can be ordered by adding “-ST” suffix to part number (ex. AMEL20-5SMAZ-ST)
Models
Asymmetric Dual output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage (W)
Output
Voltage
(V)
Rated
Output
Current (A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
115
VAC
230
VAC
AMEL20-3.35DMAZ
90-264/47-440
130-370
17.5
3.3/5
1.4/2.5
1000
75
76
AMEL20-3.312DMAZ
90-264/47-440
130-370
18
3.3/12
1.4/1.1
1000
78
78
AMEL20-3.315DMAZ
90-264/47-440
130-370
18
3.3/15
1.4/0.89
1000
77
77
AMEL20-3.324DMAZ
90-264/47-440
130-370
18
3.3/24
1.4/0.55
1000
76
76
AMEL20-512DMAZ
90-264/47-440
130-370
18
5/12
1.6/0. 83
680
76
77
AMEL20-515DMAZ
90-264/47-440
130-370
18
5/15
1.6/0.66
680
78
79
AMEL20-524DMAZ
90-264/47-440
130-370
18
5/24
1.6/0.46
680
76
77
AMEL20-1215DMAZ
90-264/47-440
130-370
18
12/15
0.66/0.66
560
77
78
AMEL20-1224DMAZ
90-264/47-440
130-370
18
12/24
0.58/0. 42
560
79
80
AMEL20-1524DMAZ
90-264/47-440
130-370
18
15/24
0.54/0. 42
560
80
81
AMEL20-3.3N5DMAZ
90-264/47-440
130-370
14.8
-3.3/5
-0.7/2.5
680
75
76
AMEL20-3.3N12DMAZ
90-264/47-440
130-370
18
-3.3/12
-1.4/1.1
680
76
77
AMEL20-3.3N15DMAZ
90-264/47-440
130-370
18
-3.3/15
-1.4/0.89
680
76
77
AMEL20-5N5DMAZ
90-264/47-440
130-370
14
-5/5
-0.8/2
680
75
76
AMEL20-5N12DMAZ
90-264/47-440
130-370
18
-5/12
-1.6/0. 83
470
75
76
AMEL20-5N15DMAZ
90-264/47-440
130-370
18
-5/15
-1.6/0.66
470
75
76
AMEL20-12N12DMAZ
90-264/47-440
130-370
18
-12/12
-0.66/0.83
470
77
78
AMEL20-12N15DMAZ
90-264/47-440
130-370
18
-12/15
-0.66/0.66
330
76
77
Note: Optional mounting plate version can be ordered by adding “-ST” suffix to part number (ex. AMEL20-5SMAZ-ST)
*Output power must not exceed the listed values
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115VAC
500
mA
230VAC
350
mA
Inrush current <2ms (cold start)
115VAC
30
A
230VAC
50
A
 I/O Isolation 4000VAC
 Energy Star compliant
 Operating Temp: -40oC to +70oC
 Ultra small package
 Over load, Over Voltage, Short Circuit Protection
 Up to 83% efficiency
CB
Click on Series name for product info on aimtec.com


Número de pieza similar - AMEL20-515DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL20-515DMAZ AIMTEC-AMEL20-515DMAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-515DMAZ AIMTEC-AMEL20-515DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results

Descripción similar - AMEL20-515DMAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-CJZ AIMTEC-AME20-CJZ Datasheet
217Kb / 7P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com