Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8584S Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8584S
Descripción Electrónicos  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8584S Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8584S Datasheet HTML 3Page - Texas Instruments ADS8584S Datasheet HTML 4Page - Texas Instruments ADS8584S Datasheet HTML 5Page - Texas Instruments ADS8584S Datasheet HTML 6Page - Texas Instruments ADS8584S Datasheet HTML 7Page - Texas Instruments ADS8584S Datasheet HTML 8Page - Texas Instruments ADS8584S Datasheet HTML 9Page - Texas Instruments ADS8584S Datasheet HTML 10Page - Texas Instruments ADS8584S Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
ADS8588S, ADS8586S, ADS8584S
www.ti.com
SBAS642 – DECEMBER 2016
Product Folder Links: ADS8588S ADS8586S ADS8584S
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
ADS8588S
ADS8586S
ADS8584S
DB14/HBEN
32
32
32
DIO
Multi-function logic input or output pin (see the DB14/HBEN section):
this pin is data output DB14 in parallel interface mode;
this pin is a control input pin for byte selection (high or low) in parallel byte interface
mode
DB15/BYTE SEL
33
33
33
DIO
Multi-function logic input or output pin (see the DB15/BYTE SEL section):
this pin is data output DB15 (MSB) in parallel interface mode;
this pin is an active high control input pin to enable parallel byte interface mode.
DVDD
23
23
23
P
Digital supply pin; decouple with AGND on pin 26.
FRSTDATA
15
15
15
DO
Active high digital output indicating data read back from channel 1 of the devices (see
the FRSTDATA (Output) section)
OS0
3
3
3
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section)
OS1
4
4
4
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section)
OS2
5
5
5
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section)
PAR/SER/BYTE
SEL
6
6
6
DI
Logic input pin to select between parallel, serial, or parallel byte interface mode (see
the Data Read Operation section)
RANGE
8
8
8
DI
Multi-function logic input pin (see the RANGE (Input) section):
when STBY pin is high, this pin selects the input range of the device (±10 V or ±5 V);
when STBY pin is low, this pin selects between the standby and shutdown modes.
RD/SCLK
12
12
12
DI
Multi-function logic input pin (see the RD/SCLK (Input) section):
this pin is an active-low ready input pin in parallel and parallel byte interface;
this pin is a clock input pin in serial interface mode.
REFCAPA
44
44
44
AO
Reference amplifier output pins. This pin must be shorted to REFCAPB and
decoupled to AGND using a low ESR, 10-µF ceramic capacitor.
REFCAPB
45
45
45
AO
Reference amplifier output pins. This pin must be shorted to REFCAPA and
decoupled to AGND using a low ESR, 10-µF ceramic capacitor.
REFGND
43, 46
43, 46
43, 46
P
Reference GND pin. This pin must be shorted to the analog GND plane and
decoupled with REFIN/REFOUT on pin 42 using a 10-µF capacitor.
REFIN/REFOUT
42
42
42
AIO
This pin acts as an internal reference output when REFSEL is high;
this pin functions as input pin for the external reference when REFSEL is low;
decouple with REFGND on pin 43 using a 10-µF capacitor.
REFSEL
34
34
34
DI
Active high logic input to enable the internal reference
(see the REFSEL (Input) section)
REGCAP1
36
36
36
AO
Output pin 1 for the internal voltage regulator; decouple separately to AGND using a
1-µF capacitor.
REGCAP2
39
39
39
AO
Output pin 2 for the internal voltage regulator; decouple separately to AGND using a
1-µF capacitor.
RESET
11
11
11
DI
Active high logic input to reset the device digital logic
(see the RESET (Input) section)
STBY
7
7
7
DI
Active low logic input to enter the device into one of the two power-down modes:
standby or shutdown (see the Power-Down Modes section)


Número de pieza similar - ADS8584S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Descripción similar - ADS8584S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com