Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8685 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8685
Descripción Electrónicos  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8685 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8685 Datasheet HTML 4Page - Texas Instruments ADS8685 Datasheet HTML 5Page - Texas Instruments ADS8685 Datasheet HTML 6Page - Texas Instruments ADS8685 Datasheet HTML 7Page - Texas Instruments ADS8685 Datasheet HTML 8Page - Texas Instruments ADS8685 Datasheet HTML 9Page - Texas Instruments ADS8685 Datasheet HTML 10Page - Texas Instruments ADS8685 Datasheet HTML 11Page - Texas Instruments ADS8685 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
8
ADS8681, ADS8685, ADS8689
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS8681 ADS8685 ADS8689
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SAMPLING DYNAMICS
tCONV
Conversion time
ADS8681
665
ns
ADS8685
1000
ADS8689
5000
tACQ
Acquisition time
ADS8681
335
ns
ADS8685
1000
ADS8689
5000
fcycle
Maximum throughput rate
without latency
ADS8681
1000
kSPS
ADS8685
500
ADS8689
100
INTERNAL REFERENCE OUTPUT
VREFIO
On the REFIO pin
(configured as an output)
At TA = 25°C
TSSOP (PW)
4.095
4.096
4.097
V
WQFN (RUM)
4.094
4.096
4.098
dVREFIO/dTA
Internal reference temperature drift
TSSOP (PW)
4
7
ppm/°C
WQFN (RUM)
5
COUT_REFIO
Decoupling capacitor on REFIO pin
4.7
µF
VREFCAP
Reference voltage to the ADC
(on the REFCAP pin)
At TA = 25°C
4.095
4.096
4.097
V
REFCAP temperature drift
0.5
2
ppm/°C
COUT_REFCAP
Decoupling capacitor on REFCAP pin
10
μF
Turn-on time
COUT_REFCAP = 10 µF, COUT_REFIO = 10 µF
20
ms
EXTERNAL REFERENCE INPUT
VREFIO_EXT
External reference voltage on REFIO
REFIO pin configured as an input
4.046
4.096
4.146
V
AVDD COMPARATOR
VTH_HIGH
High threshold voltage
5.3
V
VTH_LOW
Low threshold voltage
4.7
V
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
4.75
5
5.25
V
DVDD
Digital power-supply voltage
Operating range
1.65
3.3
AVDD
Supply range for specified performance
2.7
3.3
AVDD
IAVDD_DYN
Analog supply current,
device converting at maximum
throughput
Internal
reference
ADS8681
8.2
10.5
mA
ADS8685
5.6
7.25
ADS8689
4
5
External
reference
ADS8681
7.0
8.75
ADS8685
4.4
5.5
ADS8689
2.7
3.25
IAVDD_STC
Analog supply current,
device not converting
Internal
reference
ADS8681
4.7
6.25
mA
ADS8685, ADS8689
3.5
4.7
External
reference
ADS8681
3.5
4.5
ADS8685, ADS8689
2.3
3
IAVDD_STDBY
Analog supply current,
device in STANDBY mode
Internal reference
2.8
mA
External reference
1.6
IAVDD_PD
Analog supply current,
device in PD mode
Internal reference
10
μA
External reference
10
IDVDD_DYN
Digital supply current,
maximum throughput
0.2
0.25
mA
IDVDD_STDBY
Digital supply current,
device in STANDBY mode
1
μA
IDVDD_PD
Digital supply current,
device in PD mode
1
μA


Número de pieza similar - ADS8685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Descripción similar - ADS8685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com