Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08D1000 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza ADC08D1000
Descripción Electrónicos  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC08D1000 Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 11Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 12Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 13Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 14Page - National Semiconductor (TI) ADC08D1000 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Converter Electrical Characteristics (Continued)
[Note: This product is currently in development. As such, the parameters specified in this section are DESIGN TAR-
GETS. The specifications in this section cannot be guaranteed until device characterization has taken place.]
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
800mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, Non-
Extended Control Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω. Boldface limits apply for T
A =
T
MIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
AC ELECTRICAL CHARACTERISTICS
Pipeline Delay (Latency)
(Note 11)
DI Outputs
13
Input Clock
Cycles
DId Outputs
14
DQ Outputs
Normal Mode
13
Extended
Control Mode
13.5
DQd Outputs
Normal Mode
14
Extended
Control Mode
14.5
Over Range Recovery Time
Differential V
IN step from ±1.2V to
0V to get accurate conversion
TBD
ns
t
WU
PD low to Rated Accuracy
Conversion (Wake-Up Time)
500
ns
f
SCLK
Maximum Serial Clock Frequency
100
MHz
t
SSU
Data to Serial Clock Setup Time
(Note 12)
2.5
TBD
ns (min)
t
SH
Data to Serial Clock Hold Time
(Note 12)
1
TBD
ns (min)
Serial Clock Low Time
4
ns (min)
Serial Clock High Time
4
ns (min)
t
CAL
Calibration Cycle Time
1.4 x 10
5
Clock Cycles
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no guarantee of operation at the Absolute Maximum
Ratings. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 2: All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin should be limited to
25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
This limit is not placed upon the power, ground and digital output pins.
Note 4: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 5: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”.
Note 6: The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this device.
20097404
Note 7: To guarantee accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass capacitors. Additionally,
achieving rated performance requires that the backside exposed pad be well grounded.
Note 8: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Note 9: Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for this device,
therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 2. For relationship between Gain Error and Full-Scale Error, see Specification
Definitions for Gain Error.
Note 10: The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF each pin to ground
are isolated from the die capacitances by lead and bond wire inductances.
Note 11: This parameter is guaranteed by design and is not tested in production.
www.national.com
11


Número de pieza similar - ADC08D1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000CIYB NSC-ADC08D1000CIYB Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Descripción similar - ADC08D1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com