Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8689IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS8689IPWR
Descripción Electrónicos  16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8689IPWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8689IPWR Datasheet HTML 1Page - Texas Instruments ADS8689IPWR Datasheet HTML 2Page - Texas Instruments ADS8689IPWR Datasheet HTML 3Page - Texas Instruments ADS8689IPWR Datasheet HTML 4Page - Texas Instruments ADS8689IPWR Datasheet HTML 5Page - Texas Instruments ADS8689IPWR Datasheet HTML 6Page - Texas Instruments ADS8689IPWR Datasheet HTML 7Page - Texas Instruments ADS8689IPWR Datasheet HTML 8Page - Texas Instruments ADS8689IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Oscillator
CONVST/CS
PGA
1 M:
OVP
1 M:
OVP
2
nd-Order
LPF
ADC
Driver
VBIAS
AIN_P
AIN_GND
4.096-V
Reference
REFGND
DGND
AGND
DVDD
AVDD
Digital Logic
and Interface
REFIO
REFCAP
SCLK
SDI
SDO
16-Bit
SAR ADC
ADS868x
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8681, ADS8685, ADS8689
SBAS633B – FEBRUARY 2016 – REVISED DECEMBER 2016
ADS868x 16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System
with Programmable, Bipolar Input Ranges
1
1 Features
1
16-Bit ADC with Integrated Analog Front-End
High Speed:
ADS8681: 1 MSPS
ADS8685: 500 kSPS
ADS8689: 100 kSPS
Software Programmable Input Ranges:
Bipolar Ranges: ±12.288 V, ±10.24 V,
±6.144 V, ±5.12 V, and ±2.56 V
Unipolar Ranges: 0 V–12.288 V, 0 V–10.24 V,
0 V–6.144 V, and 0 V–5.12 V
5-V Analog Supply: 1.65-V to 5-V I/O Supply
Constant Resistive Input Impedance
≥ 1 MΩ
Input Overvoltage Protection: Up to ±20 V
On-Chip, 4.096-V Reference with Low Drift
Excellent Performance:
DNL: ±0.4 LSB; INL: ±0.5 LSB
SNR: 92 dB; THD: –107 dB
ALARM
→ High, Low Thresholds per Channel
multiSPI™ Interface with Daisy-Chain
Extended Industrial Temperature Range:
–40°C to +125°C
2 Applications
Channel-Isolated PLC Analog Input Modules
Test and Measurement
Battery Pack Monitoring
3 Description
The ADS8681, ADS8685, and ADS8689 devices
belong to a family of integrated data acquisition
system based on a successive approximation (SAR)
analog-to-digital
converter
(ADC).
The
devices
feature a high-speed, high-precision SAR ADC,
integrated analog front-end (AFE) input driver circuit,
overvoltage protection circuit up to ±20 V, and an on-
chip
4.096-V
reference
with
extremely
low
temperature drift.
The devices operate on a single 5-V analog supply,
but support true bipolar input ranges of ±12.288 V,
±6.144 V, ±10.24 V, ±5.12 V, and ±2.56 V, as well as
unipolar input ranges of 0 V to 12.288 V, 0 V to
10.24 V, 0 V to 6.144 V, and 0 V to 5.12 V. The gain
and offset errors are accurately trimmed within the
specified values for each input range to ensure high
dc precision. The input range selection is done by
software programming of the device internal registers.
The devices offer a high resistive input impedance
(
≥ 1 MΩ) irrespective of the selected input range.
The multiSPI digital interface is backward-compatible
to
the
traditional
SPI
protocol.
Additionally,
configurable features simplify interface to a wide
range of host controllers.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS868x
TSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Número de pieza similar - ADS8689IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMR TI1-ADS8681IRUMR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IRUMT TI1-ADS8681IRUMT Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Descripción similar - ADS8689IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com