Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40422RSBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40422RSBT
Descripción Electrónicos  Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40422RSBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40422RSBT Datasheet HTML 2Page - Texas Instruments TPS40422RSBT Datasheet HTML 3Page - Texas Instruments TPS40422RSBT Datasheet HTML 4Page - Texas Instruments TPS40422RSBT Datasheet HTML 5Page - Texas Instruments TPS40422RSBT Datasheet HTML 6Page - Texas Instruments TPS40422RSBT Datasheet HTML 7Page - Texas Instruments TPS40422RSBT Datasheet HTML 8Page - Texas Instruments TPS40422RSBT Datasheet HTML 9Page - Texas Instruments TPS40422RSBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
6
TPS40422
SLUSAQ4E – OCTOBER 2011 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: TPS40422
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Hysteresis of at least 150 mV is specified by design.
(2)
Specified by design. Not production tested.
7.4 Electrical Characteristics
TJ = –40ºC to 125ºC, VIN = VDD = 12 V, fSW = 500 kHz, all parameters at zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVDD
Input supply voltage range
4.5
20
V
IVDD
Input operating current
Switching, no driver load
18
25
mA
Not switching
15
20
UVLO
VIN(on)
Input turn on voltage(1)
Default settings
4.25
V
VIN(off)
Input turn off voltage(1)
Default settings
4
V
VINON(rng)
Programmable range for turn on voltage
4.25
16
V
VINOFF(rng)
Programmable range for turn off voltage
4
15.75
V
VINONOFF(acc)
Turn on and turn off voltage accuracy(2)
4.5 V
≤ VVDD ≤ 20 V, all VIN_ON and
VIN_OFF settings
–5%
5%
ERROR AMPLIFIER
VFB
Feedback pin voltage
0°C
≤ TJ ≤ 85°C
597
600
603
mV
–40°C
≤ TJ ≤ 125°C
594
600
606
AOL
Open-loop gain(2)
80
dB
GBWP
Gain bandwidth product(2)
24
MHz
IFB
FB pin bias current (out of pin)
VFB = 0.6 V
50
nA
ICOMP
Sourcing
VFB = 0 V
1
3
mA
Sinking
VFB = 1 V
3
9
BP6 REGULATOR
VBP6
Output voltage
IBP6 = 10 mA
6.2
6.5
6.8
V
Dropout voltage
VVIN – VBP6, VVDD = 4.5 V, IBP6 = 25 mA
70
120
mV
IBP6
Output current
VVDD = 12 V
120
mA
VBP6UV
Regulator UVLO voltage(2)
3.3
3.55
3.8
V
VBP6UV(hyst)
Regulator UVLO voltage hysteresis(2)
230
255
270
mV
BPEXT
VBPEXT(swover)
BPEXT switch-over voltage
4.5
4.6
V
Vhys(swover)
BPEXT switch-over hysteresis
100
200
mV
VBPEXT(do)
BPEXT dropout voltage
VBPEXT–VBP6, VBPEXT = 4.8 V, IBP6 = 25 mA
100
mV
BOOTSTRAP
VBOOT(drop)
Bootstrap voltage drop
IBOOT = 5 mA
0.7
1.0
V
BP3 REGULATOR
VBP3
Output voltage
VVDD = 4.5 V, IBP3 ≤ 5 mA
3.1
3.3
3.5
V
OSCILLATOR
fSW
Adjustment range
100
1000
kHz
Switching frequency
RRT = 40 kΩ
450
500
550
kHz
VRMP
Ramp peak-to-peak(2)
VVDD/8.2
V
VVLY
Valley voltage(2)
0.7
0.8
1.0
V


Número de pieza similar - TPS40422RSBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAT TI1-TPS40422RHAT Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results

Descripción similar - TPS40422RSBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com