Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62160-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62160-Q1
Descripción Electrónicos  3-V to 17-V 1-A Step-Down Converter with DCS-Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62160-Q1 Datasheet HTML 1Page - Texas Instruments TPS62160-Q1 Datasheet HTML 2Page - Texas Instruments TPS62160-Q1 Datasheet HTML 3Page - Texas Instruments TPS62160-Q1 Datasheet HTML 4Page - Texas Instruments TPS62160-Q1 Datasheet HTML 5Page - Texas Instruments TPS62160-Q1 Datasheet HTML 6Page - Texas Instruments TPS62160-Q1 Datasheet HTML 7Page - Texas Instruments TPS62160-Q1 Datasheet HTML 8Page - Texas Instruments TPS62160-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
22uF
3.3V / 1A
10uF
2.2µH
VIN
TPS62160-Q1
470k
150k
VIN
EN
AGND
PGND
SW
VOS
PG
FB
100k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62160-Q1, TPS62162-Q1
SLVSCK6A – DECEMBER 2014 – REVISED NOVEMBER 2016
TPS6216x-Q1 3-V to 17-V 1-A Step-Down Converter with DCS-Control™
1
1 Features
1
DCS-Control™ Topology
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade: –40°C to 125°C
Operating Junction Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C4B
Input Voltage Range: 3 V to 17 V
Up to 1-A Output Current
Adjustable Output Voltage from 0.9 V to 6 V
Fixed Output Voltage Versions
Seamless Power Save Mode Transition
Typically 17-µA Quiescent Current
Power Good Output
100% Duty Cycle Mode
Short Circuit Protection
Over Temperature Protection
Pin to Pin Compatible With TPS62170-Q1
Available in a 2 × 2 mm WSON-8 Package
2 Applications
Automotive 12-V Rail Supplies
Power Over Coax POL Supply
Camera, Video Modules
LDO Alternative
3 Description
The TPS6216x-Q1 are easy to use synchronous step
down DC-DC converters optimized for applications
with high power density. A high switching frequency
of typically 2.25 MHz allows the use of small
inductors and provides fast transient response as well
as high output voltage accuracy by utilization of the
DCS-Control™ topology.
With their wide operating input voltage range of 3 V
to 17 V, the devices are ideally suited for systems
powered from either a Li-Ion or other battery as well
as from 12-V intermediate power rails. It supports up
to 1-A continuous output current at output voltages
between 0.9 V and 6 V (with 100% duty cycle mode).
Power sequencing is also possible by configuring the
Enable and open-drain Power Good pins.
In Power Save Mode, the devices draw quiescent
current of about 17 μA from VIN. Power Save Mode,
entered automatically and seamlessly if load is small,
maintains high efficiency over the entire load range.
In Shutdown Mode, the device is turned off and
shutdown current consumption is less than 2 μA.
The devices are available in adjustable and fixed
output voltage versions and are packaged in an 8-pin
WSON package measuring 2 × 2 mm (DSG).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62160-Q1
WSON (8)
2.00 mm × 2.00 mm
TPS62162-Q1
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic


Número de pieza similar - TPS62160-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results

Descripción similar - TPS62160-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com