Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS563210ADDFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS563210ADDFR
Descripción Electrónicos  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210ADDFR Datasheet(HTML) 5 Page - Texas Instruments

  TPS563210ADDFR Datasheet HTML 1Page - Texas Instruments TPS563210ADDFR Datasheet HTML 2Page - Texas Instruments TPS563210ADDFR Datasheet HTML 3Page - Texas Instruments TPS563210ADDFR Datasheet HTML 4Page - Texas Instruments TPS563210ADDFR Datasheet HTML 5Page - Texas Instruments TPS563210ADDFR Datasheet HTML 6Page - Texas Instruments TPS563210ADDFR Datasheet HTML 7Page - Texas Instruments TPS563210ADDFR Datasheet HTML 8Page - Texas Instruments TPS563210ADDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TPS562210A, TPS563210A
www.ti.com
SLVSDP9 – NOVEMBER 2016
Product Folder Links: TPS562210A TPS563210A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Not production tested.
6.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating – non-switching supply current
VIN current, TA = 25°C, EN = 5V, VFB = 0.8 V
190
290
µA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.0
10
µA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFBTH
VFB threshold voltage TPS562210A
TA = 25°C, VO = 1.05 V, IO = 10 mA, Eco-mode™
operation
772
mV
VFB threshold voltage TPS562210A and
TPS563210A
TA = 25°C, VO = 1.05 V
758
765
772
mV
TA = 0°C to 85°C, VO = 1.05 V
(1)
753
777
TA = -40°C to 85°C, VO = 1.05 V
(1)
751
779
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
µA
MOSFET
RDS(on)h
High side switch resistance
TA = 25°C, VBST – SW = 5.5 V, TPS562210A
133
TA = 25°C, VBST – SW = 5.5 V, TPS563210A
68
RDS(on)l
Low side switch resistance
TA = 25°C, TPS562210A
80
TA = 25°C, TPS563210A
39
CURRENT LIMIT
IOCL
Current limit(1)
DC current, VOUT = 1.05 V , L1 = 2.2 µH, TPS562210A
2.5
3.2
4.3
A
DC current, VOUT = 1.05 V , L1 = 1.5 µH, TPS563210A
3.5
4.2
5.3
THERMAL SHUTDOWN
TSDN
Thermal shutdown threshold(1)
Shutdown temperature
155
°C
Hysteresis
35
SOFT START
ISS
SS charge current
VSS = 1.2 V
4.2
6
7.8
µA
POWER GOOD
VTHPG
PG threshold
VFB rising (Good)
85%
90%
95%
VFB falling (Fault)
85%
IPG
PG sink current
PG = 0.5 V
0.5
1
mA
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP threshold
OVP Detect
125%x
Vfbth
VUVP
Output UVP threshold
Hiccup detect
65%x
Vfbth
tHiccupOn
Hiccup Power On Time
Relative to soft start time
1
cycle
tHiccupOff
Hiccup Power Off Time
Relative to soft start time
7
cycles
UVLO
UVLO
UVLO threshold
Wake up VIN voltage
3.45
3.75
4.05
V
Hysteresis VIN voltage
0.13
0.32
0.55
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.5 V
260
310
ns


Número de pieza similar - TPS563210ADDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS563210 TI1-TPS563210 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210DDFR TI1-TPS563210DDFR Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210DDFT TI1-TPS563210DDFT Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210EVM-652 TI1-TPS563210EVM-652 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Descripción similar - TPS563210ADDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com