Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPSM84A21MOJT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPSM84A21MOJT
Descripción Electrónicos  8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM84A21MOJT Datasheet(HTML) 4 Page - Texas Instruments

  TPSM84A21MOJT Datasheet HTML 1Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 2Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 3Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 4Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 5Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 6Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 7Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 8Page - Texas Instruments TPSM84A21MOJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TPSM84A21
SLVSDF7 – DECEMBER 2016
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating area
(SOA) curves, ensures that the maximum junction temperature of any component inside the module is never exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN
–0.3
15
V
EN/UVLO
–0.3
7
V
PGOOD, SYNC, VG
–0.3
6
V
ILIM, VADJ, VS+
–0.3
3
V
PGND
–0.3
0.3
V
Output voltage
VOUT
–0.3
3
V
Source current
EN/UVLO
100
µA
Sink current
VG
100
mA
PGOOD
4
mA
Mechanical shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
500
G
Mechanical vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
G
Operating IC junction temperature, TJ
(2)
–40
125
°C
Operating ambient temperature, TA
(2)
–40
85
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
The ambient temperature is the air temperature of the surrounding environment. The junction temperature is the temperature of the
internal power IC when the device is powered. Operating below the maximum ambient temperature, as shown in the safe operating area
(SOA) curves, ensures that the maximum junction temperature of any component inside the module is never exceeded.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
8
14
V
VOUT
Output voltage
0.55
1.35
V
VVG
Gate drive voltage
5.0
5.5
V
VEN
EN voltage
0
5.5
V
VPGOOD
PGOOD pull-up voltage
0
5.5
V
VSYNC
SYNC voltage
0
5.5
V
IOUT
Output current
0
10
A
TJ
Operating IC junction temperature (1)
–40
125
°C
TA
Operating ambient temperature (1)
–40
85
°C


Número de pieza similar - TPSM84A21MOJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
More results

Descripción similar - TPSM84A21MOJT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPS54A20 TI1-TPS54A20 Datasheet
2Mb / 43P
[Old version datasheet]   8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
[Old version datasheet]   8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
[Old version datasheet]   40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM831D31 TI-TPSM831D31_V01 Datasheet
2Mb / 87P
[Old version datasheet]   TPSM831D31 8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus??Power Module
JUNE 2021
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com