Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS563219ADDFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS563219ADDFR
Descripción Electrónicos  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563219ADDFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS563219ADDFR Datasheet HTML 6Page - Texas Instruments TPS563219ADDFR Datasheet HTML 7Page - Texas Instruments TPS563219ADDFR Datasheet HTML 8Page - Texas Instruments TPS563219ADDFR Datasheet HTML 9Page - Texas Instruments TPS563219ADDFR Datasheet HTML 10Page - Texas Instruments TPS563219ADDFR Datasheet HTML 11Page - Texas Instruments TPS563219ADDFR Datasheet HTML 12Page - Texas Instruments TPS563219ADDFR Datasheet HTML 13Page - Texas Instruments TPS563219ADDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2
SW
XCON
PWM
Control Logic
+
+
UVP
OVP
3
VIN
Ton
8
VBST
+
6
VFB
OCL
+
+
Soft Start
7
EN
HS
LS
1
GND
SS
Voltage
Reference
Ref
Hiccup
VUVP
VOVP
OCL
threshold
Regulator
UVLO
VREG 5
VREG 5
TSD
5
SS
4
PG
VTHPG
+
One - Shot
Copyright © 2016, Texas Instruments Incorporated
10
TPS562219A, TPS563219A
SLVSDT2 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS562219A TPS563219A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS562219A and TPS563219A are 2-A, 3-A synchronous step-down converters. The proprietary D-CAP2™
mode control supports low ESR output capacitors such as specialty polymer capacitors and multi-layer ceramic
capacitors without complex external compensation circuits. The fast transient response of D-CAP2™ mode
control can reduce the output capacitance required to meet a specific level of performance.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 The Adaptive On-Time Control and PWM Operation
The main control loop of the TPS562219A and TPS563219A are adaptive on-time pulse width modulation (PWM)
controller that supports a proprietary D-CAP2™ mode control. The D-CAP2™ mode control combines adaptive
on-time control with an internal compensation circuit for pseudo-fixed frequency and low external component
count configuration with both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at
the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
shot timer expires. This one shot duration is set proportional to the converter input voltage, VIN, and inversely
proportional to the output voltage, VO, to maintain a pseudo-fixed frequency over the input voltage range, hence
it is called adaptive on-time control. The one-shot timer is reset and the high-side MOSFET is turned on again
when the feedback voltage falls below the reference voltage. An internal ramp is added to reference voltage to
simulate output ripple, eliminating the need for ESR induced output ripple from D-CAP2™ mode control.


Número de pieza similar - TPS563219ADDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS563219 TI1-TPS563219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219DDFR TI1-TPS563219DDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219DDFT TI1-TPS563219DDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
More results

Descripción similar - TPS563219ADDFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com