Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7803 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS7803
Descripción Electrónicos  Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7803 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7803 Datasheet HTML 2Page - Burr-Brown (TI) ADS7803 Datasheet HTML 3Page - Burr-Brown (TI) ADS7803 Datasheet HTML 4Page - Burr-Brown (TI) ADS7803 Datasheet HTML 5Page - Burr-Brown (TI) ADS7803 Datasheet HTML 6Page - Burr-Brown (TI) ADS7803 Datasheet HTML 7Page - Burr-Brown (TI) ADS7803 Datasheet HTML 8Page - Burr-Brown (TI) ADS7803 Datasheet HTML 9Page - Burr-Brown (TI) ADS7803 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
®
ADS7803
6
STARTING A CONVERSION
A conversion is initiated on the rising edge of the WR input,
with valid signals on A0, A1 and CS. The selected input
channel is sampled for five clock cycles. The successive
approximation conversion takes place during clock cycles 6
through 17.
Figures 2 and 3 show the full conversion sequence and the
timing to initiate a conversion.
A conversion can also be initiated by a rising edge on pin 26,
if a HIGH has been written to D2 of the Special Function
Register, as discussed below.
CALIBRATION
A calibration cycle is initiated automatically upon power-up
(or after a power failure). Calibration can also be initiated by
the user at any time by the rising edge of a minimum 100ns-
wide LOW pulse on the CAL pin (pin 26), or by setting D1
HIGH in the Special Function Register (see SFR section).
A calibration command will initiate a calibration cycle,
regardless of whether a conversion is in process. During a
calibration cycle, convert commands are ignored.
Calibration takes 168 clock cycles, and a normal conversion
(17 clock cycles) is added automatically. Thus, at the end of
a calibration cycle, there is valid conversion data in the
output registers. For maximum accuracy, the supplies and
reference need to be stable during the calibration procedure.
To ensure that supply voltages have settled and are stable, an
internal timer provides a waiting period of 42,425 clock
cycles between power-up/power-failure and the start of the
calibration cycle.
PIN #
NAME
DESCRIPTION
1
SFR
Special Function Register. When connected to a microprocessor address pin, allows access to special functions
through D0 to D7. See the sections discussing the Special Function Register. If not used, connect to DGND. This pin
has an internal pull-down.
2 to 5
AIN0 to AIN3
Analog inputs. Channel 0 to channel 3.
6VREF+
Positive voltage reference input. Normally +5V. Must be
≤V
A.
7VREF
Negative voltage reference input. Normally 0V.
8
DGND
Digital ground. DGND = 0V.
9VD
Logic supply voltage. VD = +5V. Must be ≤VA and applied after VA.
10 to 17
D0 to D7
Data Bus Input/Output Pins. Normally used to read output data. See section on SFR (Special Function Register) for
other uses.
When SFR is LOW, these function as follows:
10
D7
Data Bit 7 if HBE is LOW; if HBE is HIGH, acts as converter status pin and is HIGH during conversion or calibration,
goes LOW after the conversion is completed. (Acts as an inverted BUSY).
11
D6
Data Bit 6 if HBE is LOW; LOW if HBE is HIGH.
12
D5
Data Bit 5 if HBE is LOW; LOW if HBE is HIGH.
13
D4
Data Bit 4 if HBE is LOW; LOW if HBE is HIGH.
14
D3
Data Bit 3 if HBE is LOW; Data Bit 11 (MSB) if HBE is HIGH.
15
D2
Data Bit 2 if HBE is LOW; Data Bit 10 if HBE is HIGH.
16
D1
Data Bit 1 if HBE is LOW; Data Bit 9 if HBE is HIGH.
17
D0
Data Bit 0 (LSB) if HBE is LOW; Data Bit 8 if HBE is HIGH.
18
RD
Read Input. Active LOW; used to read the data outputs in combination with CS and HBE.
19
CS
Chip Select Input. Active LOW.
20
WR
Write Input. Active LOW; used to start a new conversion and to select an analog channel via address inputs A0 and A1
in combination with CS. The minimum WR pulse LOW width is 100ns.
21
HBE
High Byte Enable. Used to select high or low data output byte in combination with CS and RD, or to select SFR.
22
BUSY
BUSY is LOW during conversion or calibration. BUSY goes HIGH after the conversion is completed.
23
CLK
Clock Input. For internal or external clock operation. For external clock operation, connect pin 23 to a 74HC-compatible
clock source. For internal clock operation, connect pin 23 per the clock operation description.
24 to 25
A0 to A1
Address Inputs. Used to select one of four analog input channels in combination with CS and WR. The address inputs
are latched on the rising edge of WR or CS.
A1
A0
Selected Channel
LOW
LOW
AIN0
LOW
HIGH
AIN1
HIGH
LOW
AIN2
HIGH
HIGH
AIN3
26
CAL
Calibration Input. A calibration cycle is initiated when CAL is LOW. The minimum pulse width of CAL is 100ns. If not
(SHC)
used, connect to VD. In this case calibration is only initiated at power on, or with SFR. If D2 of the SFR is programmed
HIGH, pin 26 will be used as an input to control the sample-to-hold timing. A rising edge on pin 26 will switch from
sample-mode to hold-mode and initiate a conversion. This pin has an internal pull-up.
27
AGND
Analog Ground. AGND = 0V.
28
VA
Analog Supply. VA = +5V. Must be ≥VD and VREF+.
PIN ASSIGNMENTS


Número de pieza similar - ADS7803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800 TI1-ADS7800 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800AH BURR-BROWN-ADS7800AH Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800AH TI1-ADS7800AH Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7832 BURR-BROWN-ADS7832 Datasheet
299Kb / 15P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com